Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button ZU-1870MA8R Datasheet HTML 15Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 16Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 17Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 18Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 19Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 20Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 21Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 22Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 23Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
13
3.3.1. CONFIGURATION COMMANDS
All configurations set up by the configuration commands are saved at an EEPROM. After a power up the reader, all
configurations are loaded form EEPROM.
Change Baud Rate
Description:
This command sets the serial I/O line baud rate.
Command:
Bx
Where:
x is the baud rate number. The specifies values are as follows:
Value
Baud rate
“3” (33h)
9600 bps (Setup at factory shipping)
“4” (34h)
19200 bps
Response:
[CR][LF]
Note: The response is returned with the OLD baud rate.
Example:
Command for set the serial I/O line baud rate is 19200bps:
:
B
4
[CR]
3Ah
42h
34h
0Dh


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
   Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
   Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
   Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
   Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
   Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
   Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
   Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
   Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
   Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
   Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
   Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com