Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ZU-1870MA8R Datasheet HTML 3Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 4Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 5Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 6Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 7Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 8Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 9Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 10Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
1
1. INTRODUCTION
This specification describes Panasonic’s manual insertion type Magnetic Card Reader (UCI-MAG) with built in
RS232 interface and decoder.
1.1. RELATED DOCUMENTS
ISO/IEC 7810:2003
Identification cards – Physical characteristics
ISO/IEC 7811-1:2002
Identification cards – Recording technique – Part 1: Embossing
ISO/IEC 7811-2:2001
Identification cards – Recording technique – Part 2: Magnetic stripe – Low coercively
ISO/IEC 7811-3:1995
Identification cards – Recording technique – Part 3: Location of embossed characters on
ID-1
ISO/IEC 7811-4:1985
Identification cards – Recording technique – Part 4: Location of read-only magnetic tracks
– Tracks 1 and 2
ISO/IEC 7811-5:1985
Identification cards – Recording technique – Part 5: Location of read-write magnetic track
– Track 3
1.2. DEFINITIONS
The glossaries to be used in this document are defined as follows (by alphabetically order).
ASCII
American Standard Code for Information Interchange
CR
ASCII Carriage Return (0Dh)
LF
ASCII Line Feed (0Ah)
SH
High digit of 8 bit hexadecimal checksum
SL
Low digit of 8 bit hexadecimal checksum


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
   Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
   Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
   Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
   Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
   Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
   Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
   Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
   Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
   Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
   Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
   Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com