Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ZU-1870MA8R Datasheet HTML 1Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 2Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 3Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 4Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 5Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 6Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 7Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 8Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
iii
Handling
Do Not Disassemble the reader module
Do not attempt to disassemble, or modify it.
Do Not Touch the Printed Circuits, Connector Pins or Components
Before handling the reader module, discharge the static electricity from your body by wearing on the ESD protection
such as a grounded wrist strap.
Always handle it by the frame.
Avoid Dropping, Bumping or Strong Impact
Avoid subjecting the reader module to severe vibrations or impact.
Do Not Connect or Disconnect Any Cables while the Power supply is turned On
Others
Use Specified Cards
Be sure to use a card, which conforms to ISO standard. Anti-magnetic of the applied card should be 2.4
× 104 A/m to
2.4
× 105 A/m of ISO standard.
Use a card which is encoded the magnetic strip on the front or back of the card. Do not support to read a card which
is encoded on both side of the front and back of the card.
Card operation speed should be within the specification range. Forced stop or change of speed during the card
operation may cause a read error. Appropriate speed to maintain stable operation is 30 cm/s to 60 cm/s.
Be Careful when Handling and Storage the Cards
Do not bend or twist the cards.
Do not attach oil, fats or any greasy substance on the cards.


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com