Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ZU-1870MA8R Datasheet HTML 1Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 2Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 3Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 4Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 5Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 6Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 7Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 8Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
ii
PRECAUTIONS
READ THIS SECTION CAREFULLY BEFORE INSTALLING OR USEING THIS READER MODULE.
Usage
Avoid Extreme Heat and Cold
Do not store or use the reader module in locations exposed to heat, direct sunlight, or extreme cold.
Avoid moving the device with which it was incorporated between locations with large temperature differences. If the
moisture condensation should occur, do not use the device.
Operation:
-10 °C to +50 °C
Storage:
-20 °C to +60 °C
Avoid Humidity, Liquids and Dust
Do not store or use the reader module in locations exposed to high humidity, liquids (include rain) or dust.
If used in dusty conditions, the magnetic head life will be shortened.
Avoid Corrosive Gases
Keep the reader module away from oil or corrosive gases (salt, brimstone, chlorine, acid, alkali, etc.).
Avoid Radio Frequency Interference
Do not use the reader module near a television or radio receiver.
Avoid Magnetic Fields
Keep the reader module away from magnets and magnetic field sources, such as high voltage, strong electrical
current, magnetic security devices or industrial equipment (speakers, microwave ovens and CRT display, etc.).
Avoid Locations Near Electrical Appliances or Other Devices that Emit Electrical Noise
Keep the reader module away from electrical noise sources, such as electric motors, printer, or computer equipment.
Keep Clean the Magnetic Head
Dirt, metal dust and magnetic particles etc. may cause read error.
You need to clean the magnetic head using the cleaning cards.
Cleaning is recommended every week or when read problems occur.
Do Not Apply More than the Specified Voltages
Do not apply any reverse voltage.
Voltage:
DC +4.75 V to +12 V
Do Not Use a Cracked or Deformed Card
Store the card with caution to prevent dirt, scratch and distortion. No foreign matter should be stuck on the magnetic
stripe surface. Use of such card may result in a read error.


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com