Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button ZU-1870MA8R Datasheet HTML 22Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 23Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 24Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 25Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 26Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 27Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 28Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 29Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 30Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
20
Send Firmware Version
Description:
This command requests the reader to send the firmware version.
Command:
V
Response:
“Panasonic UCIMAG vx.xx Copyright yyyy[CR][LF]”
Where:
x.xx is firmware version. yyyy is year of copyrighted.
Example:
Command for send firmware version of the reader:
:
V
[CR]
3Ah
56h
0Dh
Response for firmware of the reader: The version is v3.10 in 1999-2004 copyrighted.
P
A
N
A
S
O
N
I
C
_
U
C
I
-
M
A
50h
41h
4Eh
41h
53h
4Fh
4Eh
49h
43h
20h
55h
43h
49h
2Dh
4Dh
41h
G
_
v
3
.
1
0
_
C
o
p
y
r
i
g
h
47h
20h
76h
33h
2Eh
31h
30h
20h
43h
6Fh
70h
79h
72h
69h
67h
68h
t
_
1
9
9
9
-
2
0
0
4
[CR]
[LF]
74h
20h
31h
39h
39h
39h
2Dh
32h
30h
30h
34h
0Dh
0Ah


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
   Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
   Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
   Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
   Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
   Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
   Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
   Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
   Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
   Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
   Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
   Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com