Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZU-1870MA8R Datasheet(PDF) 22 Page - Panasonic Semiconductor

Part # ZU-1870MA8R
Description  MAGNETIC CARD READER SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ZU-1870MA8R Datasheet(HTML) 22 Page - Panasonic Semiconductor

Back Button ZU-1870MA8R Datasheet HTML 18Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 19Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 20Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 21Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 22Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 23Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 24Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 25Page - Panasonic Semiconductor ZU-1870MA8R Datasheet HTML 26Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MAGNETIC CARD READER SPECIFICATION
© 2004 Matsushita Industrial Information Equipment Co., Ltd.
MIS-DG60B121
16
Auto Notify
Description:
This command sets AUTONOTIFY bit.
Command:
Nb
Where:
b is the AUTONOTIFY bit. The specifies values are as following:
Value
Auto Notify
“0” (30h)
Disable
“1” (31h)
Enable
Note: If AUTONOTIFY bit is enabled and AUTOSEND bit is disabled, the card reader will send the
message “Card Inserted” as soon as card has been inserted and the message “Track Read”
as soon as card has been read.
See “3.2.3 COMMUNICATION SEQUENCE – Mag Card Read Polling Sequence”.
Response:
[CR][LF]
Example:
Command for set the AUTONOTIFY bit is enabled:
:
N
1
[CR]
3Ah
4Eh
31h
0Dh
Response for the message as soon as card has been inserted:
C
a
r
d
_
I
n
s
e
r
t
e
d
[CR] [LF]
43h
61h
72h
64h
20h
49h
6Eh
73h
65h
72h
74h
65h
64h
0Dh
0Ah
Response for the message as soon as card has been read:
T
r
a
c
k
_
R
e
a
d
[CR] [LF]
54h
72h
61h
63h
6Bh
20h
52h
65h
61h
64h
0Dh
0Ah


Similar Part No. - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
   Manual Insertion Type Magnetic Card Reader
More results

Similar Description - ZU-1870MA8R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
   Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
   Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
   Insert Magnetic/IC Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
   Manual Insert Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
   Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
   Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
   Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
   Manual Swipe Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
   Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
   Magnetic Stripe Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com