Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532GQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8532GQW
Description  6-String 43V White LED Driver with Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8532GQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8532GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
RT8532
DS8532-04
January 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT8532 is a general purpose 6-CH LED driver capable
of delivering an adjustable 5mA to 50mA LED current. The
IC is a current mode boost converter integrated with a
43V/2.5A power switch and can cover a wide VIN range
from 2.5V to 24V. The part integrates both built-in soft-
start and with PWM dimming control; moreover, it provides
over voltage, over temperature and current limiting
protection features. It also integrates PWM and mixed
mode dimming function for accurate LED current control.
The PWM dimming frequency can operate from 100Hz to
20kHz without inducing any inrush current in LED or
inductor.
Input Capacitor Selection
Low ESR ceramic capacitors are recommended for input
capacitor applications. Low ESR will effectively reduce
the input ripple voltage caused by the switching operation.
Two 2.2
μF low ESR ceramic capacitors are sufficient for
most applications. Nevertheless, this value can be
decreased for applications with lower output current
requirement. Another consideration is the voltage rating
of the input capacitor, which must be greater than the
maximum input voltage.
Output Capacitor Selection
Output ripple voltage is an important index for estimating
chip performance. This portion consists of two parts. One
is the product of the inductor current ripple with the ESR
of the output capacitor, while the other part is formed by
the charging and discharging process of the output
capacitor. As shown in Figure 3,
ΔVOUT1 can be evaluated
based on the ideal energy equalization. According to the
definition of Q, the Q value can be calculated as the
following equation :
where fSW is the switching frequency and
ΔIL is the inductor
ripple current. Move COUT to the left side to estimate the
value of
ΔVOUT1 according to the following equation :
IN
L
OUT
IN
L
OUT
IN
OUT
OUT1
OUT
SW
11
1
QI
I
I
I
I
I
22
2
V
1
C
V
Vf

 

  
  
 

 


 
Finally, taking ESR into account, the overall output ripple
voltage can be determined by the following equation :
Figure 3. The Output Ripple Voltage without the
Contribution of ESR
Time
Time
Inductor Current
Output Current
Output Ripple
Voltage (ac)
(1-D)TS
ΔVOUT1
ΔIL
Input Current
OUT
OUT1
OUT
SW
DI
V
Cf


OUT
OUT
IN
OUT
SW
DI
VI
ESR
Cf


Inductor Selection
The inductor value depends on the maximum input current.
As a general rule the inductor ripple current is 20% to
40% of maximum input current. If 40% is selected as an
example, the inductor ripple current can be calculated
according to the following equation :

OUT
OUT(MAX)
IN(MAX)
IN
RIPPLE
IN(MAX)
VI
I
V
I0.4 I


Similar Part No. - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RT8532-10-4M0 SCHAFFNER-RT8532-10-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-12-3M6 SCHAFFNER-RT8532-12-3M6 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-16-3M0 SCHAFFNER-RT8532-16-3M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-20-2M5 SCHAFFNER-RT8532-20-2M5 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-6-6M0 SCHAFFNER-RT8532-6-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com