Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532GQW Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8532GQW
Description  6-String 43V White LED Driver with Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8532GQW Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8532GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 13Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
RT8532
www.richtek.com
DS8532-04
January 2014
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1
st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot
assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be
accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
2.900
3.100
0.114
0.122
D2
1.650
1.750
0.065
0.069
E
2.900
3.100
0.114
0.122
E2
1.650
1.750
0.065
0.069
e
0.400
0.016
L
0.350
0.450
0.014
0.018
W-Type 20L QFN 3x3 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2


Similar Part No. - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RT8532-10-4M0 SCHAFFNER-RT8532-10-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-12-3M6 SCHAFFNER-RT8532-12-3M6 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-16-3M0 SCHAFFNER-RT8532-16-3M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-20-2M5 SCHAFFNER-RT8532-20-2M5 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-6-6M0 SCHAFFNER-RT8532-6-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com