Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532GQW Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8532GQW
Description  6-String 43V White LED Driver with Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8532GQW Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8532GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 13Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
RT8532
www.richtek.com
DS8532-04
January 2014
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Considerations
PCB layout is very important to design power switching
converter circuits. The following layout guide lines should
be strictly followed for best performance of the RT8532.
The power components L1, D1, CIN and COUT must be
placed as close as possible to reduce the ac current
loop. The PCB trace between power components must
be short and wide as possible due to large current flow
through these trace during operation.
Place L1 and D1 as close to LX pins as possible. The
trace should be short and wide as possible.
Place the input capacitor C1 close to VIN pin.
Pin 20 is the compensation point to adjust system
stability. Place the compensation components to pin
20 as close as possible.
Figure 4. Derating Curve of Maximum Power Dissipation
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
255075
100
125
Ambient Temperature (°C)
Four-Layer PCB
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WQFN-20L 3x3 packages, the thermal resistance,
θJA, is
68
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (68°C/W) = 1.471W for
WQFN-20L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 4 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.


Similar Part No. - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RT8532-10-4M0 SCHAFFNER-RT8532-10-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-12-3M6 SCHAFFNER-RT8532-12-3M6 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-16-3M0 SCHAFFNER-RT8532-16-3M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-20-2M5 SCHAFFNER-RT8532-20-2M5 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-6-6M0 SCHAFFNER-RT8532-6-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com