Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532GQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8532GQW
Description  6-String 43V White LED Driver with Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8532GQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8532GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 13Page - Richtek Technology Corporation RT8532GQW Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
RT8532
www.richtek.com
DS8532-04
January 2014
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.


LED
ISET
240
ImA
Rk
where RISET is the resistor between the ISET pin and GND.
This setting is the reference for the LED current at LED1
to LED6 and represents the sensed LED current for each
string. The DC/DC converter regulates the LED current
according to the setting.
PWM Mode and Mixed Mode Brightness Dimming
The RT8532 allows two ways of controlling the LED
brightness.
PWM Mode Dimming : When the MIX pin is connected to
GND, the dimming mode operates in PWM Mode. During
the PWM dimming, the current source turn-on/off is
synchronized with the PWM signal. The LED current
frequency is equivalent to PWM input frequency.
Mixed Mode Dimming : If the MIX pin is floating or tied to
VDC, the dimming mode operates in Mixed Mode. In this
mode the PWM and ILED dimming cycle will delay by 2
periods. First cycle delay is required for the period, while
the second cycle delay is for the duty rate calculation.
(a) When 25%
≤ PWM duty ≤ 100%, the current source
outputs are DC dimming, and the PWM duty cycle
modulates the amplitude of the currents.
(b) When PWM Duty < 25%, the DC dimming will translate
to DC-PWM dimming to control the LED current. In this
state, the LED current is fixed at 0.25 x ISET, and the
dimming duty is 4 x PWM duties. The minimum D/A
Converter is 512 steps resolution for ILED regulation.
where VOUT is the maximum output voltage, VIN is the
minimum input voltage, fSW is the switching frequency,
and IOUT is the sum of current from all LED strings.
LED Soft-Start Function
The soft-start time of the LED boost converter, defined as
the period from EN to set IOUT, is several tens of
milliseconds according to the difference of PWM or Mixed
mode. The LED starts up after VIN, PWM and EN signals
are all ready. The soft-start inrush peak current must be
less than 2.5A.
LED Driver Compensation
The control loop can be compensated by adjusting the
external components connected to the COMP pin. The
COMP pin is the output of the internal error amplifier. The
compensation capacitors, CC and CCOMP, will adjust the
integrator zero and pole respectively to maintain stability.
Moreover, the resistor, RCOMP, will adjust the mid-band
gain for fast transient response.
Diode Selection
Schottky diodes D1 are recommended for most
applications because of their fast recovery time and low
forward voltage. Power dissipation, reverse voltage rating,
and pulsating peak current are important parameters for
consideration when making a Schottky diode selection.
Make sure that the diode's peak current rating exceeds
IPEAK and reverse voltage rating exceeds the maximum
output voltage.



2
IN
OUT
IN
2
OUT
OUT
SW
VD
V
V
L1
0.4
V
I
f
  

where
η is the efficiency of the boost converter, IIN(MAX) is
the maximum input current and IRIPPLE is the inductor ripple
current. The input peak current can be obtained by adding
the maximum input current with half of the inductor ripple
current as shown in the following equation :
IPEAK = 1.2 x IIN(MAX)
Note that the saturated current of inductor must be greater
than IPEAK. The inductance can eventually be determined
according to the following equation :
Setting and Regulation of LED Current
The LED current can be calculated by the following
equation :


Similar Part No. - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RT8532-10-4M0 SCHAFFNER-RT8532-10-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-12-3M6 SCHAFFNER-RT8532-12-3M6 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-16-3M0 SCHAFFNER-RT8532-16-3M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-20-2M5 SCHAFFNER-RT8532-20-2M5 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8532-6-6M0 SCHAFFNER-RT8532-6-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8532GQW

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com