Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 3 Page - Banner Engineering Corp.

  DX80ER9M-H Datasheet HTML 1Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 2Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 3Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Step 2: Set the Hardware DIP Switches
Refer to the DIP switch configuration section for complete definitions of all DIP switches. By default, all DIP switches are in the ON
position.
Configuring for a star topology
OR Configuring for a MultiHop topology
1. Define the master radio using DIP switch 4 in the
OFF position. Only one radio in the network can be
the master (server) radio.
2. Define the network topology on the master radio
using DIP switch 5. By default (ON), the star
topology is selected.
3. All remaining radios are slave radios, with DIP
switches 4 and 5 in the ON position.
1. Define one radio as the master radio, using DIP switch
4 in the OFF position. Only one radio in the wireless
network can be the master (server) radio.
2. Define the network topology on the master radio using
DIP switch 5. To select MultiHop operation, DIP switch
5 should be in the OFF position on the master radio.
3. For all slave and repeater radios, DIP switch 4 should
be in the ON position.
4. For repeater radios, move DIP switch 5 to OFF.
Step 3: Install the Wiring Terminal Header
Your MultiHop Ethernet Data Radio shipped with a small terminal header, part number 26732 (model BWA-HW-044). Plug this
terminal header into the terminals on the right side of the data radio.
Step 4: Connect 10 to 30 V dc Power
Wire your 10 to 30 V dc power to the Ethernet Data Radio using wiring connection 9. For low power operation, see Low Power
Operation in the Additional Information section.
Step 5: Bind Your Radios
To form the wireless network, bind all the slave radios to the designated master radio. Binding slave radios to their master radio
ensures the slaves only exchange data with that master. After a slave radio is bound, the slave accepts data only from the master to
which it is bound.
To bind the slave radios to the master radio, position the radios at least six feet away from each other to ensure good
communications, then follow these steps.
1. On the master radio: triple-click button 2 to enter binding mode. The red LEDs flash alternately when the master is in binding
mode. Any slave entering binding mode will bind to this master.
2. On the slave radio: triple-click button 2 to enter binding mode. The slave radio enters binding mode and locates the master
that is also in binding mode. The red LEDs flash alternately. After the slave is bound, the LEDs are both solid red for a few
seconds. The slave automatically exits binding mode, cycles power, and enters RUN mode.
3. Repeat the previous step for all slave radios that are to be bound to this master radio.
4. On the master radio: double-click button 2 to exit binding mode and cycle power.
After all devices exit binding mode, allow a few seconds for all devices to be in sync with the Master device. The master device
green LED always blinks and the slave/repeater device LED blinks green when it is synchronized to the master device.
Step 6: Perform a Site Survey
After placing your radios in the network locations, but before permanently installing them, perform a Site Survey to analyze the radio
signal strength of your chosen location. For details about Site Survey and how to run one, refer to Conducting a Site Survey, located
in the Additional Information section of this datasheet.
Step 7: Connect the Ethernet Data Radios
Connect an ethernet cable to the ethernet port on each radio. Many radio systems require you to set the IP address of the radios
themselves. This is not necessary for Banner's MultiHop Ethernet Data Radios; they will transmit data regardless of their IP address.
The amber LED 2 flashes when data is transmitting.
Note: If you have trouble getting the system to work here are a few tips:
1. Before installing the radios, verify the ethernet system works using an ethernet cable. Many problems with ethernet are a
result of improperly configured IP addresses.
2. Limit the data traffic. These long range radios do not have unlimited bandwidth. Verify the radios are properly configured and
bound by testing on a lightly used ethernet network.
3. View the internal web page of the master radio. Although it is not necessary to set an IP address on the Banner radios, you
may want to when troubleshooting problems. The master radio has an internal web page with diagnostic information. By
default, the internal web page is at 192.168.17.17. To access this page you must connect the master radio to your PC
and use a web browser. Login: root. Password: sxi.
DIP Switch Settings (MultiHop Ethernet Data Radio)
These DIP switches are accessible from the outside of the housing. Internal DIP switches are located inside the housing on the top
board. See Additional Information for more information about the internal DIP switches.
Sure Cross® MultiHop Ethernet Data Radio
P/N 157535 Rev. H
www.bannerengineering.com - Tel: + 1 888 373 6767
3


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
   MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
   Broadband Ethernet Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
   Cross Cut Heatsink Data SheetTHERMAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com