Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DX80ER9M-H Datasheet HTML 1Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 2Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 3Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Datasheet
Sure Cross® MultiHop Ethernet data radios are wireless industrial communication devices used to create point to multipoint
configurations of wireless Ethernet networks.
(Shown without its antenna)
Selectable transmit power levels of 250 mW or 1 Watt for 900 MHz models and 65 mW
for 2.4 GHz models
FlexPower® power options allow for 10 V DC to 30 V DC, solar, and battery power
sources for low power applications.
Simple, non-configurable ethernet switch operation
No IP address configuration is required
Self-healing, auto-routing radio frequency network with multiple hops extends the
network’s range and improves radio link performance
Network topology is selectable between star or MultiHop topology
AES (Advanced Encryption Standard) using a 256-bit cryptographic key
Built-in site survey mode enables rapid assessment of a location’s RF transmission
properties
Frequency Hopping Spread Spectrum (FHSS) technology ensures reliable data delivery
For additional information, updated documentation, and a list of accessories, refer to Banner Engineering's website,
www.bannerengineering.com.
Models
Power
Frequency
DX80ER9M-H
10 to 30 V DC or
3.6 to 5.5 V DC low power option
900 MHz ISM Band
DX80ER2M-H
2.4 GHz ISM Band
MultiHop Ethernet Data Radio Overview
The MultiHop Ethernet Data Radio system provides extremely reliable communication in large plants, over long distances, or
through difficult terrain. A network can easily cover many square miles and has a raw bit rate of 300Kbps.
All radios can be configured as a master, repeater, or slave radio.
Master Radio: Every network has only one master radio and all data is routed to or from the master. Because of this, the network
will have better throughput if the master radio is connected to the PLC or HMI that generates the most data traffic.
Repeater Radio: Repeater radios are slaves that also repeat. Although it is possible to use many repeaters in a network, it is usually
better to carefully define only a few devices as repeaters to help the network form faster and result in fewer repeated messages.
Repeating a message many times unnecessarily slows down the network. Repeater radios should be stationary and always on; a
moving or powered off repeater causes a slight delay in communications while the network reforms through other repeaters.
Slave Radios: Slave radios cannot repeat and are used at the endpoints of the network. Mobile radios and radios that may not
always be on while the network is in use should be configured as slave radios to prevent other devices from attempting to connect
through them to the master.
The MultiHop Ethernet data radio may operate in either star topology mode or in MultiHop topology mode.
At the center of the wireless star topology is the master radio. All wireless traffic is managed by the master and messages can only
be sent to or from the master. If a data packet needs to get from one slave to another slave it is routed through the master. In a star
topology network, the master radio is the parent and all slave radios are the children.
For the simple example star topology network shown, the following relationships exist:
Radio 1 is the Ethernet master radio.
Radios 2 through 6 are the Ethernet slave radios.
Sure Cross® MultiHop Ethernet Data Radio
Original Document
157535 Rev. H
14 March 2022
157535


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
Radio data receiver
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
Broadband Ethernet Radio
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
Cross Cut Heatsink Data SheetTHERMAL
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com