Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 10Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 11Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 12Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Double-click button 2 to pause or resume the auto display loop. Use button 1 to advance through the items in that menu. (Enter
“auto scrolled” menus by double clicking button 2. Enter the other menus by single clicking button 2.)
RUN Menu
The RUN menu displays the network ID, parent address, device address, current destination address, operational mode (master,
repeater, slave), and the number of received and sent data packets.
PADR. Parent’s device address, a unique number based on the parent device’s serial number and assigned by the factory. The
PADR is the 6-digit serial number minus 65535.
DADR. Device address, a unique number based on the serial number and assigned by the factory. The DADR is the 6-digit serial
number minus 65535.
DEST. The current destination address to route messages. When this displays BRDCST, the device is either in transparent mode
and is broadcasting the messages to all devices, or the device is in the early stages of Modbus mode and is broadcasting messages
to determine the paths to specific device addresses.
DEV. Reports the device type: master, repeater, or slave.
RCVD. The number of serial messages received.
SENT. The number of serial messages sent.
DINFO (Device Info) Menu
The DINFO menu displays the device information.
DEV. Reports the device type: master, repeater, or slave.
NAME. The IP Address of the Ethernet Data Radio is displayed in the following format: 192168 017017. This represents an IP
address of: 192.168.17.17
NETA. Network Address (display only).
BICD. Binding Code (display only).
FCTRY (Factory) Menu
The FCTRY menu displays the factory information about the device, including the model, dates of manufacture, and the part
numbers and version numbers of the radio, and LCD.
S/N. The device’s serial number.
Model #. The DX80ER*M family model number.
PDate. Production date.
FMP/N. Firmware part number.
FMVER. Firmware version number.
EEP/N. EE part number
EEVER. EE version number.
SITE (Site Survey) Menu
Single-click button 2 to pause/resume the auto display loop. While paused, use button 1 to advance through the GRN, YEL, RED,
and MIS displays.
DVCFG (Device Configuration) Menu
Single-click button 2 to enter this menu. Use button 1 to move through the options in this menu.
-BIND. Binding Code. Single click button 2 to manually set the binding code. Once in the binding code command, use button 2 to
select the digits; use button 1 to increment the selected digit. Press and hold button 2 to save the new binding code. The device asks
if you want to save the new setting (button 2) or discard the new setting and reselect (button 1).
-DEST. Destination Address. To force message routing when operating in transparent mode, set a specific destination address.
-FMPCT. Formation percentage, default value of 50%. This device will not form a parent/child relationship with a parent radio that
misses more than 50% of the timing beacons (approximately a 25% site survey link value). If the only option for a child is a parent
with a less than a 25% site survey link value, change this value.
Conduct a Site Survey
A site survey analyzes the radio signal between a MultiHop child radio and its parent and reports the number of data packets missed
or received at relative signal strengths.
Sure Cross® MultiHop Ethernet Data Radio
8
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 157535 Rev. H


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
   MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
   Broadband Ethernet Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
   Cross Cut Heatsink Data SheetTHERMAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com