Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button DX80ER9M-H Datasheet HTML 3Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 10Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 11Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Low Power Operation
To operate this radio from a power source other than 10 to 30V dc, follow these instructions.
The factory default position for jumper 14 is 24V dc power (shown).
To wire a battery or solar power source (5V dc) as the power supply, move the jumper
(shown in the image to the right) to jumper between the two pins on the right.
Wire the power source to the device using wiring terminal 9 (see Wiring Board section).
Warning: Connecting 24V dc to wiring terminal 9 while the jumper is set to accept 5V will
damage the radio.
14
MultiHop Ethernet Data Radio Menu System
When power is applied, the MultiHop radio begins running. The display screen autoscrolls
through the *RUN menu and communication between the devices is enabled. Autoscrolling
through the *RUN menu is the normal operating mode for all devices on the wireless
network.
Access the menu system using the push buttons and the LCD.
GRN XX
YEL XX
RED XX
MIS XX
*DINFO *FCTRY *SITE
*RUN
AUTO
DISPLAY
LOOP
AUTO
DISPLAY
LOOP
AUTO
DISPLAY
LOOP
(DEV)
MASTER
(DEV)
MASTER
(DRAL
S/N)
XXXXXX
Single-click
Button 2
Initiate the Site Survey
(from a child radio)
(DEV)
<RCVD>
MASTER
<SENT>
(NAME)
IPADDR
192168
Device Info
Factory
Site Survey
XX
000001
(DRAL
MODEL)
XXXXXX
(DRAL
PDATE)
XXXX
(RADIO
FMP/N)
XXXXXX
(RADIO
FMVER)
V X.XX
(RADIO
EEP/N)
XXXXXX
(RADIO
EEVER)
V X.XX
(LCD
FMP/N)
XXXXXX
(LCD
FMVER)
V X.XX
(LCD
EEP/N)
XXXXXX
(LCD
EEVER)
V X.XX
XX
(PADR)
XXXXXX
(DADR)
XXXXXX
**
**
**
* or BRDCST
** Master, repeater, or slave
(DEST)
XXXXXX
(NETA)
XXXXXX
(BICD)
XXXXXX
-BIND
*DVCFG
Single-click
Button 2
Device Config
-DEST
AUTO
DISPLAY
LOOP
Single-click Button 1 to advance through menu
Hold button 2
SAVES
DISPLAYED
VALUE
CHLDRN
XXXXXX
Master
PARENT
XXXXXX
Repeater
CHLDRN
XXXXXX
Single-click B1
Single-click B2
GRN XX
YEL XX
RED XX
MIS XX
AUTO
DISPLAY
LOOP
Single-click B2
GRN XX
YEL XX
RED XX
MIS XX
AUTO
DISPLAY
LOOP
PARENT
Slave
Single-click B2
-FMPCT
*
From the *RUN Menu (or any menu), single-click button 1 to advance through the top-level menus. Top-level menus are displayed
on the LCD with an asterisk (*) in front of the menu name.
Sure Cross® MultiHop Ethernet Data Radio
P/N 157535 Rev. H
www.bannerengineering.com - Tel: + 1 888 373 6767
7


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
Radio data receiver
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
Broadband Ethernet Radio
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
Cross Cut Heatsink Data SheetTHERMAL
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com