Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 6 Page - Banner Engineering Corp.

Back Button DX80ER9M-H Datasheet HTML 2Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 3Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Parity
DIP Switches
Parity
4
5
None
OFF *
OFF *
Odd
OFF
ON
Even
ON
OFF
Broadcast Retries
In serial mode, all data is broadcast. With a typical (95%) link, broadcast messages make one hop most of the time. Increase the
broadcast to six retries for stream-based serial packets that cannot tolerate data loss. Set the broadcast retries to no retries for
deterministic protocols, like Modbus RTU, that resend data periodically. Increasing retries slows down throughput.
DIP Switches
Broadcast Retries
6
7
One retry
OFF *
OFF *
Three retries
OFF
ON
Six retries
ON
OFF
No retries
ON
ON
Radio Transmit Power
The 900 MHz data radios can be operated at 1 watt (30 dBm) or 0.250 watt (24 dBm). For 2.4 GHz radios, the transmit power is
fixed at 0.065 watt (18 dBm).
DIP Switches
Radio Transmit Power (900 MHz only)
8
1 Watt (30 dBm)
OFF *
250 mW (24 dBm)
ON
Wiring Connections
1
2
3
4
5
6
7
8
9
10
11
12
13
14
This wiring board image does not include the supplied terminal
header that shipped with your device. Install the wiring terminal
header, part number 26732 (model number BWA-HW-044),
before wiring your data radio.
1. RS-485 +
2. RS-485 -
3. Ground
4. RTS
5. CTS
6. Tx
7. Rx
8. Ground
9. Power: 10–30V dc or 5V dc IN, depending on internal
hardware jumper 14.
10. RJ45 Ethernet connection.
11. Yellow and green LEDs. Indicates internal communication
between the radio board and the ethernet board. The yellow LED
indicates the receive message. The green LED indicates the
transmit message.
12. DIP switches
13. Reset button (cycles power). Press and hold for 10 seconds
to return the IP address to the factory default.
14. Jumper. Left two pins: 10-30V dc power IN (default: 10-30V
dc). Right two pins: 5V for battery/solar power IN
Sure Cross® MultiHop Ethernet Data Radio
6
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 157535 Rev. H


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
   MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
   Broadband Ethernet Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
   Cross Cut Heatsink Data SheetTHERMAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com