Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80ER9M-H Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DX80ER9M-H
Description  Sure Cross® MultiHop Ethernet Data Radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80ER9M-H Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DX80ER9M-H Datasheet HTML 1Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 2Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 3Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 4Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 5Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 6Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 7Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 8Page - Banner Engineering Corp. DX80ER9M-H Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
The Ethernet Communication DIP switches are accessible from
the outside of the housing.
DIP switch changes are not recognized until after power is
cycled to the device.
Active Switches
Device Settings
1
2
3
4
5
6
Ethernet (wireless Ethernet-to-Ethernet connection)
ON *
ON *
Serial (wireless serial-to-serial connection, RS485 or RS232)
ON
OFF
Reserved
OFF
ON
Reserved
OFF
OFF
Radio speed: 300 kbit
ON*
Radio speed: 200 kbit
OFF
Master - MultiHop
OFF
OFF
Master - Star
OFF
ON
Repeater (MultiHop only)
ON
OFF
Slave (MultiHop or Star)
ON*
ON*
RS-485 Serial
ON*
RS-232 Serial
OFF
* Default configuration
Ethernet or Serial Mode. These radios operate in either ethernet or serial mode. In ethernet mode the radios route ethernet data
packets from their source to their final destination. Packets are routed by their IP address, making ethernet systems efficient in
Multihop mode and with many radios.
Because serial protocols are different, it is not practical to route packets with some configurations of radio devices. As a result, set all
device rotary dials to 00 when in serial mode to create a broadcast between the radios. For two-device radio systems configured in
serial mode, it is possible to force routing between them by setting the rotary dials on both radios to 01 to create routed messaging
between two radios.
Radio Speed 300/200 kbps. A speed of 300 kbps (default) is recommended for most applications. Operating at 200 kbps provides
more gain and can be an option in very long range applications.
Master Multihop or Star. Use a star topology when all devices are easily within range. Use the MultiHop topology when the
wireless network may require a repeater radio.
Repeater or Slave. Most radios in a network are slave radios. Careful selection of repeaters helps the network form up with as few
as possible wireless hops. Minimizing hops increases overall throughput.
RS-232 or RS-485. This setting selects the serial physical layer. Note that the physical layer does not need to be the same on all
radios in a network. In this way, the wireless network can be used to convert from RS-485 to RS-232.
Additional Configuration Information
LED Behavior for Master Radios
All bound radios operating as masters follow this LED behavior after powering up.
Two Button/LED Models
Process
Steps
Response
LED 1
LED 2
1
Apply power to the master radio
-
Solid amber
2
The master radio first begins operating.
Solid red
3
The master radio enters RUN mode.
Flashes green
-
Data packets begin transmitting between the master and its children radios.
-
Flashes amber
LED Behavior for Slave and Repeater Radios
All bound slave or repeater radios follow this LED behavior after powering up.
Sure Cross® MultiHop Ethernet Data Radio
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 157535 Rev. H


Similar Part No. - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80DR2M-H5 BANNER-DX80DR2M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80ER9M-H

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
Broadband Ethernet Radio
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
Radio data receiver
logo
Advanced Thermal Soluti...
ATS021021009-PF011 ATS-ATS021021009-PF011 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS035035011-PF024 ATS-ATS035035011-PF024 Datasheet
72Kb / 1P
Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
Cross Cut Heatsink Data Sheet
ATS028028011-PF020 ATS-ATS028028011-PF020 Datasheet
71Kb / 1P
Cross Cut Heatsink Data Sheet
ATS043045009-PF031 ATS-ATS043045009-PF031 Datasheet
74Kb / 1P
Cross Cut Heatsink Data SheetTHERMAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com