Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 13 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 13 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 9Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 10Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 11Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 12Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 13Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 14Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 15Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
17
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Front face of pin inserts illustrated
CONTACT LEGEND
NOTE: Some specials shown here were formerly known as Pyle
arrangements. Consult Amphenol for how to order information for
connectors with these inserts.
Consult Amphenol Aerospace for longer shell drawings.
A
B
C
D
E
F
G
H
A
B
C
A
B
C
D
E
F
G
B
CA
A
B
C
D
E
A
B
C
D
E
F
A
B
C
D
8
4
0
22D
MIL-DTL-38999, Series III TV
Special Insert Arrangements
Non-Standard Shells or Large Contacts
Shell Size &
Insert Arrg. for:
Series III TV
25-16
25L-3
25L-7
Service Rating
M
II
II
Number of Contacts
6
2
1
2
7
Contact Size
20
4
8
4
8
Shell Size &
Insert Arrg. for:
Series III TV
33-3
33-5
33-6
Service Rating
II
II
II
Number of Contacts
1
2
5
2
4
Contact Size
4
0
4
8
4
Shell Size &
Insert Arrg. for:
Series III TV
37-5
Service Rating
II
Number of Contacts
4
Contact Size
0


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com