Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 5 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 5 Page - Amphenol Aerospace Operations

  MIL-DTL-38999 Datasheet HTML 1Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 2Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 3Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 4Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 5Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 6Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 7Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 8Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
9
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
PCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
(Insert arrangements requiring non-standard shells or larger contacts)
X Completely tooled.
• Majority of tooling is completed (contact
Amphenol Aerospace for availability).
Not tooled for 02-R.
P Pin inserts only (contact Amphenol Aerospace
for socket availability).
Ground plane proprietary option available.
Arrangement 9-5, 25-62 is exclusively ground
plane type.
n
Not Mil-Qualified.
* Hermetic inserts - solder termination standard.
(Contact Amphenol Aerospace for optional PCB
or eyelet termination).
** Two size 16 contacts dedicated to fiber optics.
See the Fiber Optic section for more information.
*** For use in MIL-STD-1760 applications
(pgs. 43 & 44).
† For RG 180/U and RG 195/U cables only.
†† Size 8 Coax and Twinax are interchangeable.
Note: 25L-3 and 25L-7 require longer shells.
Select Non-Standard Shell Size
Contact Size
Shell Size-
Insert Arrg.
Crimp Hermetics*
Service
Rating
Total
Contacts
Comments
22D
20
16
12
9-2
X
I
2
Formerly Pyle
2
15-4
X
II
4
Formerly Pyle
4
15-25
X
M
25
Formerly Pyle
22
3
17-20
X
M
20
Formerly Pyle
16
4
21-12
X
I
12
Formerly Pyle
3
9
21-21
X
M/Inst.
41
Improved sealing
32
9
21-99
X
M
16
Formerly Pyle
5
11
25-92
X
M
101
Formerly Pyle
92
9
25-97
X
M
42
Formerly Pyle
26
3
13
Contact Size
Shell Size-
Insert Arrg.
Crimp
Hermetics*
Service
Rating
Total
Contacts
22D
20
8
4
0
25-16
X
M
8
6
2
25L-3
X
II
3
1
2
25L-7
X
II
7
7
33-3
X
II
3
1
2
33-5
X
II
5
5
33-6
X
II
6
2
4
37-5
X
II
4
4
Select Shell Size - Special Insert Arrangement
(Not Mil-Spec Qualified)
MIL-DTL-
27599
Hermetics
Contact Size
JT II
LJT I
TV III
III
JT/LJT
Solder
Crimp
H
Y
TV* Service
Rating
Total
Contacts
23
HD
22D 22M 22 20 16 12
12
(Coax)
10
(Power)
8
(Coax)
8††
(Twinax
8
Quadrax
24-24
X
P
P
I
24
12 12
25-24★ 25-24★
J24
X
P
P
25-26n★
I
25
16
5
4
24-29
X
I
29
29
25-29★ 25-29★
J29
X
X
24-35
X
P
P
New
128
128
25-35
25-35
J35
X
P
P
P
M
24-37
X
I
37
37
25-37★ 25-37★
J37
X
24-43n
3
I
43
23 20
25-43
25-43
J43
X
2
25-46
25-46
J46
2
I
46
40 4
2
24-61
X
X
P
P
I
61
61
25-61
25-61
J61
X
X
P
P
P
25-62n★
X
I
12
8
4
25-90
I
46
40 4
2
25-187n
N
187
187
25-F4n
X
M/I
66
49
13 4
TV Series III
MIL-DTL-38999, Series I LJT, II JT, III TV, HD
Insert Availability and Identification Chart
HD designates High Density 38999 Series III insert patterns which use size 23 contacts only. Not rated over 175°C
X Completely tooled.
Not tooled for 02-R.
P Pin inserts only (contact Amphenol Aerospace for socket availability).
Ground plane proprietary option available. Arrg. 9-5, 25-62 is exclusively ground plane type.
n
Not Mil-Qualified.
Series Series Series Military
- Special Insert Arrangement


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com