Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 40 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 40 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 39Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 40Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
45
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
D38999 Type Hybrid Breakaway – Series III
Lower Profile Lanyard Release Plug, Crimp,
Metal shells with Composite Operating Sleeve
New Hybrid Lanyard Breakaway Fail Safe connector with a composite
thermoplastic outer operating sleeve for greater durability.
This new hybrid breakaway is the breakaway of choice for the Navy F-18
Program. Amphenol’s hybrid lanyard design offers greater durability over
D38999 aluminum and composite designs because of its ability to handle
abuse taken after weapons release.
Other advantages include:
• Lower profile compared to full metal breakaway
Fail Safe connectors
• Less weight
This Hybrid Breakaway meets the applicable requirements of MIL-
DTL-38999/31 including random & sine vibration, ice resistance, fluid
immersion and hydrolytic stability tests.
(Test reports are available upon request).
Currently the hybrid breakaway is available in shell sizes 25 and 17. It
uses standard inserts available for breakaway plugs sizes 25 and 17, and
is also available with inserts 25-20 and 25-11 for MIL-STD-1760. Consult
Amphenol Aerospace for ordering of the new hybrid breakaway
connectors. These hybrid
connectors will accommodate the
standard backshells for breakaway
connectors shown on Accessories
section or the backshell section.
New Hybrid Lanyard Release Plugs
(Metal inside shells and Composite,
lower profile outer sleeves)
Stores Management Type II, Rail Launch
Plugs and Receptacles that meet MIL-STD-1760
Amphenol provides a Breakaway Rail Launch
connector that is designed for use on aircraft that carry rail launch mis-
siles such as AMRAAM.
These connectors are designed for blindmating of stores on rail launch
applications. They consist of a buffer plug and a missile receptacle that
meet the specifications of MIL-STD-1760 Stores Management.
Other features and benefits include:
• Designed to MIL-C-83538 specifications
• Bayonet and push pull coupling
• Use standard MIL-DTL-38999 crimp termination with power, coax and
twinax contacts also available
• Buffer provides flame barrier
• Buffers are replaceable
Consult Amphenol Aerospace for more information and ordering.
Stores Management Type II
Rail Launch Connectors
Condition/Test
Description
Reference
Durability
400 complete mating/unmating cycles
MIL-DTL-38999/31D
High Impact
Shock
Nine hammer blows from 1,3 and 5 feet,
three each in three axes on mounting
panel.
MIL-S- 901D
Vibration
10 to 2000Hz in three perpendicular axes,
4 hours in each axis for a total of 12 hours
with no fracturing or breaking of parts.
MIL-STD-202F, Method 204
Ice Resistance
Pull tested after conditioned with Ice
water at -18C for 35 minutes.
MIL-DTL-38999/31D
Fail Safe
Disengagement
Rotationaly unmated 180° from full mate
position and pull tested in both a straight
direction and at 15°.
MIL-DTL-38999/31D
High Speed Pull
Separation
100 cycles at 30 feet per second.
MIL-DTL-38999/31D


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com