Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 4 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 4 Page - Amphenol Aerospace Operations

  MIL-DTL-38999 Datasheet HTML 1Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 2Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 3Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 4Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 5Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 6Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 7Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 8Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
8
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
MIL-DTL-
27599
Hermetics
Contact Size
JT II
LJT I
TV III
III
JT/LJT
Solder
Crimp
H
Y
TV*
Service
Rating
Total
Contacts
23
HD
22D 22M 22
20 16 12
12
(Coax)
10
(Power)
8
(Coax)
8††
(Twinax)
20-2
X
M
65
65
21-2n
X
20-11n
3
I
11
11
21-11★ 21-11★
G11
X
20-16
X
X
P/S P/S
II
16
16
21-16★ 21-16★
G16
X
X
P
P
P
21-25n
I
25
25
21-27n
X
I
27
27
21-29n
X
I
27
19
4
4
20-35
X
P
P
M
79
79
21-35
21-35
G35
X
P/S P/S
P
20-39
X
X
P
P
I
39
37
2
21-39
21-39
G39
X
X
P
P
P
20-41
X
X
P
P
I
41
41
21-41
21-41
G41
X
X
P/S P/S
P
21-75★ 21-75★✧ G75
2 X
N
M
4
4
(4)
21-79n 21-79n
2 X
II
19
17
2
(5)
21-121n
N
121
121
22-1
X
P/S P/S
M
100
100
23-1
X
P
P
22-2
X
X
P
P
M
85
85
23-2
X
X
P
P
23-6★n 23-6★n
P
M
6
6
22-14n
2 ✦
I
14
14
23-14n 23-14n
2 ✦
22-21
X
X
P
P
II
21
21
23-21★ 23-21★
H21
X
X
P
P
P
22-32
X
X
P
P
I
32
32
23-32n
X
P
23-34n
X
I
34
34
22-35
X
P/S P/S
M
100
100
23-35
23-35
H35
X
P
P
P
22-53n
P
I
53
53
23-53
23-53
H53
X
X
P/S P/S
P
23-54 n
X
M
53
40
9
4
22-55
X
X
P
P
I
55
55
23-55
23-55
H55
X
P
23-97n
X
II
16
16
23-99n
X
II
11
11
23-151 n
N
151
151
24-1
X
P
P
M
128
128
25-1
X
P
P
24-2
X
M
100
100
25-2
X
24-4
X
P
P
I
56
48
8
25-4
25-4
J4
X
P
25-7n
25-7
J7
X
M Twinax
99
97
2
25-8★
J8
Twinax
8
8
25-11***
J11
2 ✦
N
11
2
9
25-17n
M
42
36
6
24-19n
X
P
P
I
19
19
25-19★ 25-19★
J19
X
P
25-20n 25-20***
J20
2 ✦
N
30
10 13
4
3
MIL-DTL-38999, Series I LJT, II JT, III TV, HD
Insert Availability and Identification Chart
X Completely tooled.
• Majority of tooling is completed (contact Amphenol Aerospace for availability).
Not tooled for 02-R.
P
Available with Pin contacts only
S
Available with Socket contacts only
P/S Available with Pin contacts or Socket contacts
Ground plane proprietary option available. Arrg. 9-5, 26-62 is exclusively
ground plane type.
n
Not Mil-Qualified.
21-75 is Mil-Qualified with twinax contacts only.
*
Hermetic inserts - solder termination standard. (Contact Amphenol
Aerospace for optional PCB or eyelet termination).
HD designates High Density 38999 Series III insert patterns which use
size 23 contacts only. Not rated over 175°C.
** Two size 16 contacts dedicated to fiber optics. See the Fiber Optic
Section for more information.
*** For use in MIL-STD-1760 applications (see pages 43 & 44).
For RG 180/U and RG 195/U cables only.
†† Size 8 Coax and Twinax are interchangeable.
(2) Not Tooled for RP or 02RE
(3) Pin inserts only, not tooled for RP or 02RE (Consult Amphenol for avail.)
(4) MS connector 21-75 is supplied with size 8 twinax.
Commercial connector 21-75 is supplied with size 8 coax.
(5) MS Connector 21-79 has provision for two size 8 coax contacts.
Coax contacts are not supplied unless specified by customer.
Series Series Series Military


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com