Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 39 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 39 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 39Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 40Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
44
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
HOW TO ORDER - BY MILITARY PART NUMBER FAIL SAFE D38999/31
Ordering procedure for example part number D38999/31WE20PN1 is shown below:
1.
2.
3.
4.
5.
6.
7.
8.
DOD Number
Prefix
Spec Sheet
Number
Service
Class
Lanyard
Length Code
Insert
Arrangement
Contact Style
Alternate Keying
Position
Type
Number
D38999/
31
W
E
20
P
N
1
Easy Steps to build a part number... Military
1. Select a DOD Number Prefix
2. Specification Sheet Number
Lanyard
Length
(in.) ±.236
Lanyard
Length
(mm.)
± 6.0
Lanyard Length
Code for Part
Number
6.024
153.0
E
6.535
166.0
F
7.008
178.0
G
7.520
191.0
H
7.992
203.0
I
8.504
216.0
J
9.016
229.0
K
9.528
242.0
L
7. Alternate Keying Position
D38999/31 for MIL-STD-1760 – Series III
TV Breakaway Fail Safe for Stores Management
Applications- Lanyard Release Plug
Designates
F
Electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB @
10 GHz specification min., 48 hour salt spray,
200°C
W
Corrosion resistant olive drab
cadmium plate aluminum, 500 hour extended salt
spray, EMI –50dB @ 10 GHz specification min.,
175°C
Designates
D38999/
MIL-DTL-38999,
Series III Tri-Start Connectors
Designates
31
Designates Lanyard Release Plug for
MIL-STD-1760 with pin contacts
Designates
P
Replaces the “no designation” option in the PIN
on revision C and earlier revision of the Mil-Spec.
A
Designates supplied less contacts.
6. Contact Style – P & A are Valid Options
Designates
N
Is required for normal position.
3. Select a Service Class
4. Select a Lanyard Length Code
8. Type Number
Type 1, 2 or 6. See drawings on page 43.
For accessories for lanyard release plugs see Accessories section.
5. Select an Insert Arrangement
Only 11 or 20 are available contact arrangement
numbers. See page 43.


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com