Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 38 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 38 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 39Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 40Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
43
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Service
Class
Connector Type
Identification
Shell Size &
Insert Arrg. Code
Required
Field
Lanyard
Length Code
Contact Type/Alter-
nate Keying Position
88
5565
29
0
E
P
2.008 MAX
51.00 MAX
BLUE
BAND †
1.687 MAX
42.85 MAX
2.030 MAX
51.56 MAX
**
.100 MAX
2.54 MAX
OUTER SLEEVE MOVEMENT
DURING UNMATING
THREAD RELEASE
2.000 MAX
50.80 MAX
ACCESS.
DIA
LANYARD LENGTH
(See Lanyard Length Table)
METRIC
THREAD
M37X
1.0-6g0.100R
**
2.000 MAX
50.80 MAX
ACCESS.
DIA
.374 MAX
9.50 MAX
OUTER SLEEVE MOVEMENT
DURING UNMATING
THREAD RELEASE
.359 MAX
9.12 MAX
2.705 MAX
68.71 MAX
BLUE
BAND †
1.781 MAX
45.24 MAX
2.375 MAX
60.33 MAX
LANYARD LENGTH
(See Lanyard Length Table)
METRIC
THREAD
M37X
1.0-6g
0.100R
.359 MAX
9.12 MAX
TYPE 6
TYPE 2
† Blue band indicates rear release
contact retention system
** Lanyard pulled taut against a
.500 ± .13 dia. Mandrel
All dimensions for reference only
PIN CONTACTS ONLY,
SHELL SIZE 25 ONLY
BLUE
BAND †
2.000 MAX
50.80 MAX
ACCESS.
DIA
2.008 MAX
51.00 MAX
.359 MAX
9.12 MAX
METRIC
THREAD
M37X
1.0-6g0.100R
.280 MIN
7.11 MIN
FULL
THREAD
LANYARD LENGTH
(See Lanyard Length Table)
2.499 MAX
63.47 MAX
TYPE 1
(LONGER SHELL)
Pin Contact Data for MIL-STD-1760
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
J
K
L
INSERT AVAILABILITY
FAIL SAFE D38999/31
FOR MIL-STD-1760
25-20
Primary Interface Signal Set
Contact
Legend
8 (twinax) 10 (power) 12 (coax) 16
20
25-11
Auxiliary Power Signal Set
*Part number reference.
To complete, see how to order
page 41.
D38999/31
88-555875/76
91-555875/76
88-558518/19
91-558518/19
T3W-16B25-XXXX
Type 6
Type 2
Type 1
D38999/31 for MIL-STD-1760 – Series III
TV Breakaway Fail Safe – Crimp, Metal
Lanyard Release Plug
Tri-Start Lanyard Separation Forces
Shell
Size
Straight Plug
(lbs. max.)
15 Degree Pull
(lbs. max.)
25
90
100
Insert Arrangement
Service
Rating
Total
Contacts
Contact
20
16
12 (Coax)
8 (Twinax)
25-20
N
30
10
13
4
3
Contacts for 25-20 Pattern
Shell
Size
Arrg.
Number
Number
of
Contacts
Size
Contacts
Service
Rating
Contact
Location
Standard Contacts
Pin
Socket
25
-20
3
8
Twinax
A, H, K
M39029/90-529
M39029/91-530
4
12
Coax
2,3
M39029/28-211
M39029/75-416
W, 5
M39029/102-558 M39029/103-559
13
16
N
C, D, E, F,
J, M, N,
P, R, T, U,
Y, Z
M39029/58-364
M39029/56-352
10
20
N
B, G, L, S,
V, X, 1, 4,
6, 7
M39029/58-363
M39029/56-351
Insert
Arrangement
Service
Rating
Total
Contacts
Contact Size
20
10 (power)
25-11
N
11
2
9
*To order by Commercial Part
numbers consult Amphenol.


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com