Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 37 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 37 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 39Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 40Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
42
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
FAIL SAFE 88-5565( ) & 91-5565( )
Ordering procedure for example part number 88-556529-EP is shown below:
D38999/29 & D38999/30 – Series III
TV Breakaway Fail Safe Lanyard Release Plug
Lanyard
Length
(in.) ±
.236
Lanyard
Length
(mm) ± 6.0
Lanyard
Length
Code
For Part
Number
4.016
102
A
4.528
115
B
5.000
127
C
5.512
140
D
6.024
153
E
6.535
166
F
7.008
178
G
7.520
191
H
7.992
203
I
8.503
216
J
9.016
229
K
9.528
242
L
10.000
254
M
10.512
267
N
11.024
280
P
11.535
293
R
12.008
305
S
12.520
318
T
13.031
331
U
14.016
356
V
15.000
381
W
16.024
407
X
17.008
432
Y
18.031
458
Z
Service
Class
Connector Type
Identification
Shell Size &
Insert Arrg. Code
Required
Field
Lanyard
Length Code
Contact Type/Alter-
nate Keying Position
88
5565
29
0
E
P
Easy Steps to build a part number... Commercial
1.
2.
3.
4.
5.
6.
These are standard finishes. Consult Amphenol Aerospace for other variations.
Step 1. Select a Service Class
Step 2. Select a Connector Type Identification
Step 3. Select a Commercial Shell Size &
Insert Arrangement Code
MIL-DTL-38999, see insert availability chart on page 41.
P designates pin, S designates socket for normal positioning of contacts. When
an alternate position of the connector is required to prevent cross-mating, a
different letter (other than P or S) is used. See alternate positioning on page 27,
then convert to Amphenol Commercial coding by the following chart.
Step 6. Select a Contact Type/Alternate Keying Position
Step 6. Military/
Commercial
Lanyard Length Code
Pin Contacts
Socket Contacts
MS Letter Amphenol letter
MS Letter
Amphenol Letter
PN
P (normal)
SN
S (normal)
PA
G
SA
H
PB
I
SB
J
PC
K
SC
L
PD
M
SD
N
PE
R
SE
T
Step 5. Select a Lanyard Length Code
See Table II (to the left) for lanyard length code number.
For alternate positions of
connector (to prevent
cross-mating) see alternate
positioning on page 27.
(N indicates normal)
Step 7. Military
Alternate Keying Position
Table II
Step 4. Required Field
88
Designates corrosion resistant olive drab cadmium plate over nickel, 500
hour extended salt spray, EMI –50dB @ 10 GHz specification min., 175°C
91
Designates electroless nickel plated aluminum, optimum EMI shielding ef-
fectiveness –65dB @ 10 GHz specification min., 48 hour salt spray, 200°C
5565 Designates MIL-DTL-38999, Series III Tri-Start Lanyard Release Plug
0
The required field is always a
0


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com