Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 36 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 36 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 39Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 40Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
41
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
TV D38999/29 & D38999/30 – Series III
Breakaway Fail Safe Lanyard Release Plug
Commercial
Basic Part#
Shell & Insert
Arrg. Code
Shell Size-
Insert
Arrangement
Military Shell
Size- Insert
Arrangement
Service
Rating
Total
Contacts
Contact Size
22D 20 16 12
12
Coax
8
Coax
8
Twinax
88/91-5565
08
11-2
N/A
I
2
2
06
11-35
N/A
M
13
13
07
11-98
N/A
I
6
6
10
13-4
N/A
I
4
4
11
13-8
N/A
I
8
8
14
13-35
N/A
M
22
22
13
13-98
N/A
I
10
10
18
15-5
N/A
II
5
5
23
15-15
N/A
I
15
14
1
22
15-18
N/A
I
18
18
19
15-19
N/A
I
19
19
20
15-35
N/A
M
37
37
21
15-97
N/A
I
12
8
4
27
17-6
E-6
I
6
6
28
17-8
E-8
II
8
8
29
17-26
E-26
I
26
26
30
17-35
E-35
M
55
55
31
17-99
E-99
I
23
21
2
37
19-11
F-11
II
11
11
39
19-32
F-32
I
32
32
40
19-35
F-35
M
66
66
47
21-11
G-11
I
11
11
48
21-16
G-16
II
16
16
49
21-35
G-35
M
79
79
51
21-39
G-39
I
39
37
2
50
21-41
G-41
I
41
41
57
23-21
H-21
II
21
21
58
23-35
H-35
M
100
100
59
23-53
H-53
I
53
53
61
23-54
H-54
M
53
40
9
4
60
23-55
H-55
I
55
55
71
25-4
J-4
I
56
48
8
66
25-19
J-19
I
19
19
74
25-20
J-20
N
30
10
13
4
3
72
25-24
J-24
I
24
12
12
67
25-29
J-29
I
29
29
68
25-35
J-35
M
128
128
69
25-43
J-43
I
43
23
20
73
25-46
J-46
I
46
40
4
2*
70
25-61
J-61
I
61
61
Step 2. Select a Specification Sheet Number
DOD Number
Prefix
Spec Sheet
Number
Service Class
Shell Size
Insert
Arrangement
Lanyard Length
Code
Alternate Keying
Position
D38999/
29
F
E
35
P
N
Easy Steps to build a part number... Military
1.
2.
3.
4.
5.
6.
7.
Step 3. Select a Service Class
Step 4. & 5 Insert Availability
Step 1. DOD Number Prefix
D38999/ designates MIL-DTL-38999,
Series III, Tri-Start Connector
29 Designates Lanyard Release Plug with pin contacts
30 Designates Lanyard Release Plug with socket contacts
F
Designates electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB@10 GHz
specification min., 48 hour salt spray, 200°C
W
Designates corrosion resistant olive drab cadmium
plate aluminum, 500 hour extended salt spray,
EMI –50dB@10 GHz specification min., 175°C


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com