Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 34 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 34 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 30Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 31Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 38Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
39
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Breakaway with Coax Contacts
Amphenol offers a variety of lanyard plug styles including MIL-STD-1760
types 1, 2 and 6 for Stores Management applications.
Series III,TV Breakaway Fail Safe Connectors
Quick-Disconnect with an Axial Pull of Lanyard
TYPE 2
TYPE 6
TYPE 1
Amphenol® Tri-Start Breakaway Fail Safe
Connectors provide unequaled
performance in environments requiring
instant disengagement.
Designed to provide quick disconnect of a
connector plug and receptacle with an axial
pull on the lanyard. The “Breakaway” Fail
Safe connector family offers a wide range
of electrical and mechanical features:
• Instant decoupling and damage
free separation
• Completely intermateable with standard
receptacles (D38999/20 and /24)
• Inventory support commonality through
the use of standard insert arrangements
and contacts
Breakaway unmating is initiated by applying
a pull force to the lanyard which causes the
operating sleeve on the plug to move away
from the receptacle. Coupling segments
on the plug then move away from the mating
receptacle while expanding, thus releasing
the receptacle. After completion of the unmating sequence, spring
compression returns the sleeve and segments to their original
positions. Unmating of the plug may also be accomplished by normal
rotation of the coupling ring without affecting the breakaway capability.
The Tri-Start Breakaway Fail Safe connector exceeds the MIL-Spec
Series III requirements for EMI/EMP shielding and features include:
• Solid metal-to-metal coupling
• EMI grounding fingers
• Conductive finishes
Amphenol Breakaway Fail Safe connectors are qualified to
MIL-DTL-38999/29, /30 and /31 (for MIL-STD-1760 Stores Management
applications). In fact, Amphenol offers more qualified Breakaway shell
size and insert combinations than any other QPL supplier.
In addition to standard Breakaway connectors, Amphenol also manufactures
custom breakaway connectors including those with:
• Highly durable non-metallic operating sleeves in a variety of lengths
and diameters
• Increased pull-force capability
• Low-profile designs
• Custom lanyard lengths and backshells
• Low force separation capabilities
• Low insertion/separation force contacts
• Non-cadmium finishes
Whether you need a standard Breakaway, one of our custom Breakaways
or a unique Breakaway design, please contact your local Amphenol
representative.
Contact Amphenol Aerospace for more information on breakaway,
quick-disconnect connectors. Other Amphenol circular families
(MIL-DTL-26482, MIL-DTL-83723) also offer breakaway
quick-disconnect connectors.
See accessories for breakaway connectors on page 111.
Special configuration Fail Safe used
on space telescope application.
Lanyard is replaced by a swivel ring for remote
disconnect and “wing arms” have been added for
manual actuation accessibility by gloved astronauts.


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com