Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 33 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 33 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 29Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 30Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 31Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 37Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
38
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Millimeters
Inches
All dimensions for reference only
† Red band indicates fully mated
GG
B THREAD
RED BAND †
.375 MAX
9.53 MAX
KK
M
L
.031+.006
–.005
.79 +.15
–.13
GG
B THREAD
RED BAND †
L
M
.375 MAX
9.53 MAX
Millimeters
Inches
† Red band indicates fully mated
TVSIY (D38999/25) – Hermetic
Stainless Steel
Solder Mounting Receptacle
TVSHIY (D38999/27) – Hermetic, Stainless Steel
Weld Mounting Receptacle
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P-0.3L-TS
(Plated)
L
+.011
–.005
M
+.006
–.005
GG Dia.
+.011
–.010
KK Dia
+.011
–.005
9
A
.6250
.806
.125
.750
.672
11
B
.7500
.806
.125
.844
.781
13
C
.8750
.806
.125
.969
.906
15
D
1.0000
.806
.125
1.094
1.031
17
E
1.1875
.806
.125
1.218
1.156
19
F
1.2500
.806
.125
1.312
1.250
21
G
1.3750
.806
.125
1.438
1.375
23
H
1.5000
.838
.156
1.563
1.500
25
J
1.6250
.838
.156
1.688
1.625
Shell
Size
MS
Shell
Size
Code
L
+.28
–.00
M
+.15
–.13
GG
Dia.
+.28
–.25
KK Dia
+.03
–.13
9
A
20.47
3.18
19.05
17.07
11
B
20.47
3.18
21.44
19.84
13
C
20.47
3.18
24.61
23.01
15
D
20.47
3.18
27.79
26.19
17
E
20.47
3.18
30.94
29.36
19
F
20.47
3.18
33.32
31.75
21
G
20.47
3.18
36.53
34.93
23
H
21.29
3.96
39.70
38.10
25
J
21.29
3.96
42.88
41.28
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P-0.3L-TS
(Plated)
L
+.011
–.000
M
+.006
–.005
GG Dia.
+.011
–.010
9
A
.6250
.806
.125
.973
11
B
.7500
.806
.125
1.095
13
C
.8750
.806
.125
1.221
15
D
1.0000
.806
.125
1.347
17
E
1.1875
.806
.125
1.434
19
F
1.2500
.806
.125
1.579
21
G
1.3750
.806
.125
1.721
23
H
1.5000
.838
.156
1.886
25
J
1.6250
.838
.156
1.973
Shell
Size
MS
Shell
Size
Code
L
+.28
–.00
M
+.15
–.13
GG Dia.
+.25
–.00
9
A
20.47
3.18
24.71
11
B
20.47
3.18
27.81
13
C
20.47
3.18
31.01
15
D
20.47
3.18
34.21
17
E
20.47
3.18
36.42
19
F
20.47
3.18
40.11
21
G
20.47
3.18
43.71
23
H
21.29
3.96
47.90
25
J
21.29
3.96
50.11
TVS
HI
Y
9-35
P
B
(453)
TVS
HI
YN
X-X
X
X
(XXX)
D38999/
27
X
X-X
X
X
NA
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
To complete, see how to order pages 25-27.
PART #
TVS
I
Y
9-35
P
B
(453)
TVS
I
YN
X-X
X
X
(XXX)
D38999/
25
X
X-X
X
X
NA
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
To complete, see how to order pages 25-27.
PART #


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com