Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 32 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 32 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 28Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 29Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 30Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 31Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 32Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 33Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 34Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 35Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 36Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
37
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
† Red band indicates fully mated
. 059 dia min.
1.5 dia min.
Formed lockwire hole design (6 holes) is optional.
3 lockwire holes
Millimeters
Inches
All dimensions for reference only
C
H
S
2 PLACES
K REF
.200 MAX
5.08 MAX
KK
RED
BAND †
B THREAD
L
PANEL THICKNESS
.062 MIN .125 MAX
1.57 MIN 3.18 MAX
SHELL SIZES 9/11 – .871 22.12
SHELL SIZES 13/25 – .878 22.30
PANEL HOLE
DIMENSIONS
JAM NUT
D-HOLE
MOUNTING
D1
D2
TVS07Y (D38999/23) – Hermetic
Stainless Steel
Jam Nut Receptacle
Shell
Size
MS Shell
Size code
B Thread
Class 2A
0.1P-
0.3L-TS
(Plated)
C Max
D1 +.010
–.000
D2 +.000
–.010
H Hex
+.017
–.016
L Max
S ±.010
KK +.011
–.000
9
A
.6250
1.199
.693
.657
.875
.357
1.062
.642
11
B
.7500
1.386
.825
.770
1.000
.357
1.250
.766
13
C
.8750
1.511
1.010
.955
1.188
.357
1.375
.892
15
D
1.0000
1.636
1.135
1.085
1.312
.357
1.500
1.018
17
E
1.1875
1.761
1.260
1.210
1.438
.357
1.625
1.142
19
F
1.2500
1.949
1.385
1.335
1.562
.381
1.812
1.268
21
G
1.3750
2.073
1.510
1.460
1.688
.381
1.938
1.392
23
H
1.5000
2.199
1.635
1.585
1.812
.381
2.062
1.518
25
J
1.6250
2.323
1.760
1.710
2.000
.381
2.188
1.642
Shell
Size
MS Shell
Size code
C Max
D1 +.25 –.00 D2 +.00 –.25
H Hex
+.43
–.41
L Max
S ±.25
KK +.28
–.00
9
A
30.45
17.60
16.70
22.23
9.07
26.97
16.31
11
B
35.20
20.96
19.59
25.40
9.07
31.75
19.46
13
C
38.38
25.65
24.26
30.18
9.07
34.93
22.66
15
D
41.55
28.83
27.56
33.32
9.07
38.10
25.86
17
E
44.73
32.01
30.73
36.53
9.07
41.28
29.01
19
F
49.50
35.18
33.91
39.67
9.68
46.02
32.21
21
G
52.65
38.35
37.08
42.80
9.68
49.23
35.36
23
H
55.85
41.53
40.26
46.02
9.68
52.37
38.56
25
J
59.00
44.70
43.43
50.80
9.68
55.58
41.71
TVS
07
Y
9-35
P
B
(453)
TVS
07
YN
X-X
X
X
(XXX)
D38999/
23
X
X-X
X
X
NA
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
To complete,
see how to order
pages 25-27.
PART #


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com