Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 25 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 25 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 25Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 26Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 27Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 28Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 29Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
30
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system
Consult Amphenol Aerospace for availability of composite box mount receptacles.
Millimeters
Inches
M (TV)
M (CTV)
LL (TV)
LL (CTV)
1
1
AA
B
THREAD
BLUE
BAND††
RED
BAND†
L (TV)
L (CTV)
1
Z (TV)
Z (CTV)
1
M
M
.005
.13
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R2
All dimensions for reference only
Designates true position dimensioning
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
PANEL HOLE
DIMENSIONS
TVP02R – Crimp, Metal
CTVP02R – Crimp, Composite
Box Mounting Receptacle
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P=0.3L-
TS (Plated)
L Max.
(TV)
L1
Max.
(CTV)
M
+.000
–.005
(TV)
M1
+.000
–.005
(CTV)
R1
R2
S
Max.
T
±.008
Z.
Max.
(TV)
Z1
Max.
(CTV)
A1
Back
Panel
Mount
A2
Front
Panel
Mount
AA Max.
Panel
Thick-
ness
LL
+.006
–.000
(TV)
LL1
±.005
(CTV)
TT
±.008
9
A
.6250
.205
.250
.820
.773
.719
.594
.948 .128
.153
.198
.650
.510
.234
.905
.908
.216
11
B
.7500
.205
.250
.820
.773
.812
.719 1.043 .128
.153
.198
.800
.620
.234
.905
.908
.194
13
C
.8750
.205
.250
.820
.773
.906
.812 1.137 .128
.153
.198
.910
.740
.234
.905
.908
.194
15
D
1.0000
.205
.250
.820
.773
.969
.906 1.232 .128
.153
.198 1.040
.900
.234
.905
.908
.173
17
E
1.1875
.205
.250
.820
.773
1.062
.969 1.323 .128
.153
.198 1.210 1.010
.234
.905
.908
.194
19
F
1.2500
.205
.250
.820
.773
1.156 1.062 1.449 .128
.153
.198 1.280 1.130
.234
.905
.908
.194
21
G
1.3750
.235
.280
.790
.741
1.250 1.156 1.575 .128
.183
.228 1.410 1.250
.204
.905
.904
.194
23
H
1.5000
.235
.280
.790
.741
1.375 1.250 1.701 .154
.183
.228 1.530 1.360
.204
.905
.904
.242
25
J
1.6250
.235
.280
.790
.741
1.500 1.375 1.823 .154
.183
.228 1.660 1.470
.204
.905
.904
.242
Shell
Size
MS
Shell
Size
Code
L Max.
(TV)
L1
Max.
(CTV)
M +.00
–.13
(TV)
M1
+.00
–.13
(CTV)
R1
R2
S
Max.
T
±.20
Z.
Max.
(TV)
Z1
Max.
(CTV)
A1 Back
Panel
Mount
A2
Front
Panel
Mount
AA
Max.
LL +.15
–.00 (TV)
LL1
±.13
(CTV)
TT
±.20
9
A
5.21
6.35
20.83 19.63
18.26
15.09 24.1 3.25
3.89
5.03
16.66
13.11
5.94
22.99
23.06
5.49
11
B
5.21
6.35
20.83 19.63
20.62
18.26 26.5 3.25
3.89
5.03
20.22
15.88
5.94
22.99
23.06
4.93
13
C
5.21
6.35
20.83 19.63
23.01
20.62 28.9 3.25
3.89
5.03
23.42
19.05
5.94
22.99
23.06
4.93
15
D
5.21
6.35
20.83 19.63
24.61
23.01 31.3 3.25
3.89
5.03
26.59
23.01
5.94
22.99
23.06
4.39
17
E
5.21
6.35
20.83 19.63
26.97
24.61 33.7 3.25
3.89
5.03
30.96
25.81
5.94
22.99
23.06
4.93
19
F
5.21
6.35
20.83 19.63
29.36
26.97 36.9 3.25
3.89
5.03
32.94
28.98
5.94
22.99
23.06
4.93
21
G
5.97
7.11
20.07 18.82
31.75
29.36 40.1 3.25
4.65
5.79
36.12
32.16
5.18
22.99
22.96
4.93
23
H
5.97
7.11
20.07 18.82
34.92
31.75 43.3 3.91
4.65
5.79
39.29
34.93
5.18
22.99
22.96
6.15
25
J
5.97
7.11
20.07 18.82
38.10
34.92 46.4 3.91
4.65
5.79
42.47
37.69
5.18
22.99
22.96
6.15
METAL
TVP
02
RW
9-35
P
B
(453)
TVPS
02
RK
X-X
X
X
(XXX)
TVPS
02
RF
X-X
X
X
(XXX)
TVPS
02
RS
X-X
X
X
(XXX)
CTVP
02
RW
X-X
X
X
(XXX)
CTVPS
02
RF
X-X
X
X
(XXX)
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
To complete,
see how to order
pages 25-27.
PART #


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com