Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 24 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 24 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 25Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 26Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 27Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 28Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
29
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
1.
2.
3.
4.
5.
6.
7.
8.
M
M
.005
.13
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R2
V THREAD
AA
B
THREAD
LL (TV)
LL (CTV)
1
M (TV)
M (CTV)
1
L (TV)
L (CTV)
1
1.240 MAX
31.50 MAX
RED
BAND†
BLUE
BAND††
–A–
Z (TV)
Z (CTV)
1
.861 MAX
21.87 MAX
(TV)
.909 MAX
23.09 MAX
(CTV)
1.037 MAX
26.34 MAX
(TV)
1.084 MAX
27.53 MAX
(CTV)
D
VIEW D
FOR SIZE 8 TWINAX ONLY,
RELATIVE TO
VIEW D
FOR SIZE 8 COAXIAL ONLY,
RELATIVE TO
–A–
–A–
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system
Millimeters
Inches
All dimensions for reference only
Designates true position dimensioning
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
PANEL HOLE
DIMENSIONS
TVP00R (D38999/20) - Crimp, Metal
CTVP00R (D38999/20) - Crimp, Composite
Wall Mounting Receptacle
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P=0.3L-
TS (Plated)
L Max.
(TV)
L1
Max.
(CTV)
M
+.000
–.005
(TV)
M1
+.000
–.005
(CTV)
R1
R2
S Max.
T
±.008
Z.
Max.
(TV)
Z1
Max.
(CTV)
A1
Back
Panel
Mount
A2
Front
Panel
Mount
AA Max.
Panel
Thick-
ness
LL
+.006
–.000
(TV)
LL1
±.005
(CTV)
TT
±.008
9
A
.6250
.469
.514
.820
.773
.719
.594
.948 .128 .153 .198
.650
.510
.234
.905
.908
.216
11
B
.7500
.469
.514
.820
.773
.812
.719 1.043 .128 .153 .198
.800
.620
.234
.905
.908
.194
13
C
.8750
.469
.514
.820
.773
.906
.812 1.137 .128 .153 .198
.910
.740
.234
.905
.908
.194
15
D
1.0000
.469
.514
.820
.773
.969
.906 1.232 .128 .153 .198 1.040
.900
.234
.905
.908
.173
17
E
1.1875
.469
.514
.820
.773
1.062
.969 1.323 .128 .153 .198 1.210 1.010
.234
.905
.908
.194
19
F
1.2500
.469
.514
.820
.773
1.156 1.062 1.449 .128 .153 .198 1.280 1.130
.234
.905
.908
.194
21
G
1.3750
.500
.545
.790
.741
1.250 1.156 1.575 .128 .183 .228 1.410 1.250
.204
.905
.904
.194
23
H
1.5000
.500
.545
.790
.741
1.375 1.250 1.701 .154 .183 .228 1.530 1.360
.204
.905
.904
.242
25
J
1.6250
.500
.545
.790
.741
1.500 1.375 1.823 .154 .183 .228 1.660 1.470
.204
.905
.904
.242
Shell
Size
MS
Shell
Size
Code
L Max.
(TV)
L1
Max.
(CTV)
M +.00
–.13
(TV)
M1
+.00
–.13
(CTV)
R1
R2
S
Max.
T
±.20
V Thread
Metric
Z.
Max.
(TV)
Z1 Max.
(CTV)
A1
Back
Panel
Mount
A2
Front
Panel
Mount
AA
Max.
LL
+.15
–.00
(TV)
LL1
±.13
(CTV)
TT
±.20
9
A
11.91 13.06 20.83 19.63
18.26
15.09 24.1 3.25 M12X1-6g 3.89
5.03
16.66
13.11
5.94 22.99 23.06
5.49
11
B
11.91 13.06 20.83 19.63
20.62
18.26 26.5 3.25 M15X1-6g 3.89
5.03
20.22
15.88
5.94 22.99 23.06
4.93
13
C
11.91 13.06 20.83 19.63
23.01
20.62 28.9 3.25 M18X1-6g 3.89
5.03
23.42
19.05
5.94 22.99 23.06
4.93
15
D
11.91 13.06 20.83 19.63
24.61
23.01 31.3 3.25 M22X1-6g 3.89
5.03
26.59
23.01
5.94 22.99 23.06
4.39
17
E
11.91 13.06 20.83 19.63
26.97
24.61 33.7 3.25 M25X1-6g 3.89
5.03
30.96
25.81
5.94 22.99 23.06
4.93
19
F
11.91 13.06 20.83 19.63
29.36
26.97 36.9 3.25 M28X1-6g 3.89
5.03
32.94
28.98
5.94 22.99 23.06
4.93
21
G
12.70 13.84 20.07 18.82
31.75
29.36 40.1 3.25 M31X1-6g 4.65
5.79
36.12
32.16
5.18 22.99 22.96
4.93
23
H
12.70 13.84 20.07 18.82
34.93
31.75 43.3 3.91 M34X1-6g 4.65
5.79
39.29
34.93
5.18 22.99 22.96
6.15
25
J
12.70 13.84 20.07 18.82
38.10
34.93 46.4 3.91 M37X1-6g 4.65
5.79
42.47
37.69
5.18 22.99 22.96
6.15
METAL
TVP
00
RW
9-35
P
B
(453)
TVPS
00
RK
X-X
X
X
(XXX)
TVPS
00
RF
X-X
X
X
(XXX)
TVPS
00
RS
X-X
X
X
(XXX)
CTVP
00
RW
X-X
X
X
(XXX)
CTVPS
00
RF
X-X
X
X
(XXX)
D38999/
20
X
X-X
X
X
NA
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
To complete,
see how to order
pages 25-27.
PART #


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com