Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 23 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 23 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 25Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 26Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 27Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
28
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Boeing Basic
Number
Style
Shell Size
Shell Finish &
Contact
Insert
Arrangement
Contact
Type
Alternate
Keying Position
Ordering
Option
BACC63
CT
15
19
P
N
H
Easy Steps to build a part number... Boeing BACC63 CT & CU
1.
2.
3.
4.
5.
6.
7.
8.
Step 1. Boeing Number
BACC63
Step 2. Select a Style
Designates
CT
Composite Plug
CU
Composite Receptacle
Step 3. Shell Size 15
Step 4. Select a Shell
Finish & Contact
Designates
C
CT Style Only. Cadmium
Plated, Grounded
D
Cadmium Plated, ungrounded
G
Nickel Plated, Grounded
Nickel Plated, Ungrounded
Step 6. Select a Contact Type
Designates
P
Pin
S
Socket
Step 7. Select an Alternate
Keying Position
Boeing Basic
Number
Style
Shell
Size
Separator
Insert
Arrangement
Contact
Type
Alternate
Keying Position
Ordering
Option
BACC63
DB
15
19
P
N
H
BACC63
DC
17
8
P
N
H
Easy Steps to build a part number... Boeing BACC63 DB & DC
1.
2.
3.
4.
5.
6.
7.
8.
Step 1. Boeing Number
BACC63
Step 2. Select a Style
Designates
DB
Stainless Steel Plug
DC
Stainless Steel Receptacle
Step 3. Select a Shell Size
Step 4. Separator
Designates
9-25 Shell Size
Step 5. Insert Arrangements-
Consult Amphenol Aerospace for insert
arrangements available.
Step 6. Select a Contact Type
Designates
P
Pin
S
Socket
Step 7. Select an
Alternate Keying Position
Step 8. Ordering Option
Designates
H
Without Contacts & Seal Plugs
Blank With Contacts & Seal Plugs
Step 8. Ordering Option
Designates
H
Without Contacts & Seal Plugs
Blank With Contacts & Seal Plugs
Designates
N
Normal
A-E Alternates
Designates
15
One Shell Size
Designates
N
Normal
A-E Alternates
Designates
Separator
Boeing BACC63
How to Order
Composite
Stainless Steel
Step 5. Insert Arrangements-
Consult Amphenol Aerospace for insert
arrangements available.


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com