Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 22 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 22 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 25Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 26Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
27
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Step 6. Select an Alternate Keying Position
Key/Keyway Position
A plug with a given rotation letter will mate with a receptacle
with the same rotation letter. The angles for a given connec-
tor are the same whether it contains pins or sockets. Master
key stays fixed, minor keys rotate. Inserts are not rotated in
conjunction with the master key/keyway.
PLUG
(front face shown)
RECEPTACLE
(front face shown)
MAIN
KEYWAY
AP
BSC
BP
BSC
DP
BSC
CP
BSC
˚
˚
˚
˚
DR
BSC˚
CR
BSC˚
BR
BSC˚
AR
BSC˚
MAIN
KEYWAY
MIL-DTL-38999, Series III TV
How to Order (Military and Commercial)
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
P
B
1.
2.
3.
4.
5.
6.
7.
Step 7. Special Variations
Consult Amphenol Aerospace for variations.
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
P
(xxx)
1.
2.
3.
4.
5.
6.
7.
* An “N” designation is used on D38999 military
part number but not on the commercial versions
Designates
P
Pin Contacts
S
Socket Contacts
H
1500 Cycle Pin Contacts
J
1500 Cycle Socket Contacts
A
Same as “P” except supplied less pin Contacts
B
Same as “S” except supplied less socket contacts ( A & B designate nonstandard contact applications)
X
Eyelet contacts, hermetics only
Step 5. Select a Contact Type
AR
°
BR
°
AP
°
BP
°
RECEPTACLE
(FRONT FACE SHOWN)
PLUG
(FRONT FACE SHOWN)
Size 7 and 7H Dualok Plug and Receptacle
Shell
Size
Key & Keyway
Arrangement
Identification
Letter
AR°
or
AP°
BSC
BR°
or
BP°
BSC
CR°
or
CP°
BSC
DR°
or
DP°
BSC
7,
7H
N*
A
B
C
D
E
120
132
80
140
155
131
240
248
230
275
234
197
NA
NA
9
N*
A
B
C
D
E
105
102
80
35
64
91
140
132
118
140
155
131
215
248
230
205
234
197
265
320
312
275
304
240
11,
13,
and
15
N*
A
B
C
D
E
95
113
90
53
119
51
141
156
145
156
146
141
208
182
195
220
176
184
236
292
252
255
298
242
17
and
19
N*
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
196
200
200
200
180
197
293
310
244
257
280
272
21,
23,
and
25
N*
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
196
200
200
200
180
197
293
310
244
257
280
272
25L,
33,
and
37
N*
A
B
C
D
E
80
135
49
66
62
79
142
170
169
140
145
153
188
188
188
188
188
188
293
310
244
257
280
272


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com