Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 21 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 21 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 25Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
26
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
MIL-DTL-38999, Series III TV
How to Order (Military and Commercial)
Step 3. Select a Service Class Connector
Type
Shell Style
Service
Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
RX
1.
2.
3.
4.
5.
6.
7.
Step 4. Select a Shell Size & Insert
Arrangement see pages 6-9
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
23-2
P
1.
2.
3.
4.
5.
6.
7.
Shell Size & Insert Arrangement are on pages 6-9. First number
represents Shell Size, second number is the Insert Arrangement.
Quadrax or Differential Twinax:
The incorporation of Quadrax or Differential Twinax contacts requires a modified connector to accommodate keyed contacts.
* D38999/26KJ20PN, is a series III stainless steel plug with twin axial and coaxial contacts that may not meet the firewall requirement of the specification.
D38999/26KJ61HN, is a series III stainless steel plug with high durability contacts. However, the connector will be limited to 500 cycles of durability.
Insert arrangements using multi-axial (i.e. coax, twinax, triax shielded) contacts should not be used in firewall applications.
* Consult Amphenol Aerospace for availability. **Coaxial arrangements are not available in these classes.
TV
TVP
CTV
CTVP
CTVS,
CTVPS
TVS TVPS
CLUTCH-
LOK
Military
Finish
Description
RB
RB
Aluminum
Bronze
TBD
Corrosion resistant aluminum bronze for
marine & other high corrosion
applications, 200°C.
C
Anodic
Coating
n
Non-conductive, anodic coated
aluminum, 500 hour salt spray, 200°C.
RX
RX
RX
RX
TBD
Consult Amphenol Aerospace
for details, options and availability of
non-cadmium or ROHS Compliant
Finishes.
RF-
Composite
RF-
Metal
RF-
Metal
F-Metal
M-Composite
Electroless
Nickel
n
Electroless nickel plated aluminum
(composite) optimum EMI shielding
effectiveness –65dB @ 10GHz
specification min., 48 hour salt spray,
200°C (Composite-2000 hours dynamic
salt spray).
RGF-
Composite
RGF-
Metal
RGF-
Metal
Electroless
Nickel
n
Electroless nickel plated ground plane
aluminum (composite), 200°C
G
Electroless
Nickel
n
Space grade, electroless nickel, 48 hour
salt spray, 200°C
RGW-
Metal
RGW-
Metal
RGW-
Composite
RGW-
Composite
Olive Drab
Cadmium
Olive drab cadmium plated ground plane
aluminum (composite), 175°C
RK**
RK**
RK**
K
Passivated
Stainless Steel
n
Corrosion resistant stainless steel, fire-
wall capability, plus 500 hour salt spray
resistance, EMI –45 dB @ 10 GHz
specification min., 200°C
RKN
RKN
Passivated
Stainless Stee
n
Corrosion resistant stainless steel,
non-firewall capability, plus 500 hour salt
spray resistance, EMI –45 dB @ 10 GHz
specification min., 200°C
RL
RL
L
Stainless Steel
w/ Nickel Plate
n
Corrosion resistant steel, electro
deposited nickel, 500 hour salt spray,
200°C, non firewall, EMI shielding –65dB
@ 10GHz specification min.
RW-
Metal
RW-
Metal
RW-
Composite
RW-
Composite
W-Metal
J-Composite
Olive Drab
Cadmium
Corrosion resistant olive drab cadmium
plate aluminum (composite), 500 hour
salt spray, EMI Shielding –50 dB@10
GHz specification min., 175°C (Compos-
ite - 2000 hours dynamic salt spray).
Y
Y
Y
Stainless Steel
n
Hermetic seal, passivated stainless steel,
200°C
RS*
RS*
RS*
S
Stainless Steel
w/ Nickel Plate
n
(Non-hermetic connectors), Nickel plated,
corrosion resistant steel, firewall capabil-
ity, 500 hour salt spray, 200°, EMI shield-
ing –65dB @ 10GHz specification min.
YN
YN
N
Stainless Steel
w/ Nickel Plate
n
(Hermetic connectors), Nickel plated
corrosion resistant steel, 200°C
DT
DT
T
Durmalon
plated
n
Nickel-PTFE alternative to Cadmium.
Corrosion resistant, 500 hour salt spray,
EMI -50dB at 10GHz specification min.,
175°C
DZ
DZ
Z
Zinc-Nickel
Plated
TBD
Zinc-Nickel Alternative to Cadmium,
corrosion resistant, 500 hour salt spray,
Conductive, –65°C to +175°C, EMI
Shielding –50 dB @ 10 GHz specification
min.
Double Start
Threads
Triple Start Threads
A
B
C
D
E
F
G
H
J
Mil Shell
Size
7
7H
9
11
13
15
17
19
21
23
25
Amphenol
Shell size
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
* Size 7 and 7H are Double Start Threads only


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com