Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 20 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 20 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 24Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
25
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
MIL-DTL-38999, Series III TV
How to Order (Military and Commercial)
Step 1. Select a
Connector Type
Commercial
Shell Style
Service Class
Shell Size– Insert
Arrangement
Contact Type
Alternate Keying
Position
Special
Variations
TVPS
00
RF
9-35
P
B
(XXX)
Military
Shell Style
Service Class
Shell Size– Insert
Arrangement
Contact Type
Alternate Keying
Position
D38999/
20
J
G35
P
N
Aluminum 175°C
TV
Tri-Start 175°C
TVP
Panel mounted
receptacle175°C
Easy Steps to build a part number... Tri-Start Series III TV
1.
2.
3.
4.
5.
6.
7.
Step 2. Select a Shell Style
Wall Mount
Receptacle
(00, 20)
Line
Receptacle
(01)
Box Mount
Receptacle
(02, 21)
Straight
Plug
(06)
Lanyard
Release Plug
(29, 30, 31)
Jam Nut
Receptacle
(07, 24)
Flange
Mounting Plug
(09)
Deep Reach
Receptacle
Consult
Amphenol
Aerospace
Solder Mount
Hermetic
Receptacle
(I, 25)
COMMERCIAL
MILITARY
Designates
TVP, TVPS,
CTVP,
CTVPS
TV,
CTV
TVS CTVS CLUTCH-
LOK
D38999
Military
D38999
Military
Composite
MTV,
D38999
CLUTCH-
LOK
00
20
20
Wall Mount
Receptacle
02
Box Mount
Receptacle
21
Box Mount
Receptacle Hermetic
01
01
01
Line Receptacle
06
06
06
26
26
Straight Plug
07
07
07
24
24
Jam Nut Receptacle
09
09
Flange Mounted Plug
23
Jam Nut Receptacle
Hermetic
I
25
Solder Mount
Receptacle Hermetic
HI
27
Weld Mounted
Receptacle,
(Hermetic) Only
56
56
56
Straight plug with
Dualok
26
26
CLUTCH-LOK high
vibration straight plug
(Class RK only)
29
Lanyard release plug
with pin contacts
30
Lanyard release plug
with socket contacts
31
Lanyard release plug
for MIL-STD-1760
with pin contacts
32
Plug protection cap
33
Receptacle
protection cap
Aluminum, Aluminum Bronze
& Steel 200°C
TVS
200°C rated
TVPS
Panel mounted, 200°C
rated receptacle
Composite 175°C
CTV
Composite 175°C
CTVP
Panel mounted
composite
receptacle 175°C
Composite 200°C
CTVS
200°C rated,
composite
CTVPS Composite Panel
mounted, 200° rated
receptacle
Steel 200°C
MTV
CLUTCH-LOK
connector with
“MS” stamping
(Note: remove dashes
in how to order part
number when
ordering CLUTCH-LOK)
Military-MIS-Spec Market
D38999 Military MIL-DTL-38999
Series III Connector
If you don’t need Mil-Spec Marked
Connector select from the choices
below.
Next question to help you decide.
What Shell Material & Temperature
rating do you need?
Do you need a Mil-Spec
marked connector?


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com