Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 19 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 19 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 15Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 22Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 23Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
24
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
TRI-START, SERIES III
TYPICAL SHIELDING EFFECTIVENESS TEST DATA
EMI/EMP SHIELDING EFFECTIVENESS dB
TESTING BY TRIAXIAL METHOD
TRI-START, SERIES III
TYPICAL SHIELDING EFFECTIVENESS TEST DATA
EMI/EMP SHIELDING EFFECTIVENESS dB
TESTING BY MODE STIRRING METHOD
Test data beyond 2GHz is subject to equipment variation.
* Dependant on shell finish
NOTE: For test data information on the new Clutch-Lok Tri-Start,
high vibration connectors, consult Amphenol Aerospace.
Amphenol® Tri-Start connectors
provide EMI/EMP shielding
capability which exceeds
MIL-DTL-38999 Series III
requirements.
The TV and CTV Series III connector with
standard solid metal-to-metal coupling, EMI
grounding fingers and conductive finishes
have proven to be the ultimate in EMI/EMP
shielding effectiveness.The charts illustrate
shielding effectiveness data which is typical of
Tri-Start connectors tested with the nickel
finish (Class F-metal, Class M-composite)
over a wide frequency range.
The vibration capability of the Tri-Start Series
is shown in the chart below.This illustrates the
most severe vibration envelope of any
qualified connector available today.
These capabilities along with a +200°C, -65°C
temperature rating and superior moisture
sealing protection provide the user with a
connector that can withstand the most
rigorous application.
TRI-START
VIBRATION CRITERIA
140
120
100
80
60
40
20
0
100
200
300
400
500
600
700800
NICKEL CLASS F, CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
FREQUENCY MEGAHERTZ
NICKEL CLASS F, CLASS M
MIL-DTL-38999 REQUIREMENTS
140
120
100
80
60
40
20
0
1
2
34
5
NICKEL CLASS F, CLASS M
MIL-DTL-38999 REQUIREMENTS
NICKEL CLASS F, CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
6
7
8
9
10
FREQUENCY GIGAHERTZ
5
50
500
5000
.0001
.001
.01
.1
1.
10.
10in/sec
.06 in DA.
3 axes @ – 55 C
ambient + 200 C*
60 G's
(Fail Safe: 3 axes
@ ambient
30 G's)
2 axes @
200 C *
(Fail Safe:
2 axes @
ambient)
2 axes @ ambient
6dB/octave
HERTZ
DOUBLE AMPLITUDE
(IN) SINE VIBRATION
POWER SPECTRAL
DENSITY (G2/HZ)
RANDOM VIBRATION
˚
˚
˚
MIL-DTL-38999, Series III TV, HD
Test Data


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com