Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 17 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 17 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 13Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 14Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 15Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 21Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
22
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
Performance
Designed for Performance
Numerous advantages in performance capability are designed
into the Amphenol Tri-Start Connector. A positive metal to metal
coupling design, grounding fingers, and electroless nickel plating
provide superior EMI shielding capability of 65 dB minimum at
10 GHz.
Acme threads provide coupling durability. Thicker wall sections
and a greater coupling surface area improve strength and shock
resistance. Blunting of the thread on both the coupling nut and
receptacle eliminates cross coupling.The connector quickly mates
and self locks in a 360° turn of the coupling nut.
Elongated mounting holes permit the Tri-Start Connector to inter-
mount with various existing MIL-Spec box or wall mount recep-
tacles, giving it a design replacement advantage.
Shells of stainless steel or cadmium over nickel plating prevent
severe corrosion. Resistance is tested through exposure to a 500
hour salt spray. Composite versions provide protection from salt
spray exposure for 2000 hours. Other finish options are available;
see how to order Tri-Start metal and Tri-Start Composite.
Recessed pins minimize potential contact damage in this
100% scoop-proof connector. In a blind mating application,
mating shells cannot “scoop” the pins and cause a shorting
or bending of contacts.
The design of the Amphenol Tri-Start interfacial seal meets
the MIL-DTL-38999 Series III requirements for electrolytic
erosion resistance.
A rigid dielectric insert with excellent electrical characteris-
tics provides durable protection to the contacts. The socket
contacts are probe proof, and all contacts are rear remov-
able. They are plated in the standard 50 micro inches
minimum gold, with 100 micro inches as an option, and
are available in standard Tri-Start insert arrangements and
special Pyle® insert arrangements in sizes 10 power, 12,
16, 20 and 22D contacts. Special insert patterns are also
available with larger contacts in sizes 4 and 0.
Series III, TV Tri-Start Connectors, offer more versatility
& options than any other interconnection family!
High reliability and increased versatility best
describe Amphenol MIL-DTL-38999, Series III
circular connectors. Originally designed
for the harshest of environments and most
demanding of applications, Amphenol MIL-
DTL-38999 Series III, Tri-Start connectors
continue to evolve in pace with the needs of an
ever-changing market.
Amphenol Tri-Start connectors can be
configured with a number of application
specific technologies like High Density
HD38999, Dualok, Filters, Hermetics, PC
Tails, Fiber Optics, Flex, CLUTCH-LOK,
Fail Safe, and contacts. Flexibility aids in
design optimization through the combination
of different technologies within a common,
time-tested, harsh environment connector
body.
For more information about options, please
call 800-678-0141 or visit www.amphenol-
aerospace.com.
MIL-DTL-38999, Series III TV
Options


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com