Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 16 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 16 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 12Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 13Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 14Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 15Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 20Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
21
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPEED
Amphenol
Aerospace
MIL-DTL-38999, Series III TV
Performance
Tri-StartTM MIL-DTL-38999 Series III
with Metal Shells - Aluminum, Stainless Steel, Class K Firewall
Composite Tri-Start,
Qualified to MIL-DTL-38999, Rev. J
Amphenol ® Tri-Start MIL-DTL-38999* Series III Connectors offer the
highest performance capabilities for both general duty and severe
environment applications. Meeting or exceeding MIL-DTL-38999
Series III requirements, the Tri-Start connector with standard metal
shells (aluminum or stainless steel with several finish options)
offers these features:
• EMI Shielding - solid metal-to-metal coupling, grounding fingers,
electroless nickel plating, and thicker wall sections provide superior
EMI shielding capability of 65dB minimum at 10 GHz
Contact Protection - recessed pins in this 100% scoop-proof
connector minimize potential contact damage
Moisture Resistance - improved interfacial seal design helps
prevent electrolytic erosion of contacts
Corrosion Resistance - shells of stainless steel or cadmium over
nickel plating withstand a 500 hour salt spray exposure
Vibration/Shock - operates under severe high temperature
vibration, through 200°C
Firewall Capability - available in a stainless steel shell,
class RK, RS
Lockwiring Eliminated - unique, self-locking, quick coupling
connector eliminates lockwiring
Quick Coupling - completely mates and self-locks in a 360° turn
of the coupling nut
Inventory Support Commonality - uses standard MIL-DTL-38999
contacts, application tools, insert arrangements
Electrostatic Discharge Protection (ESD) - protection for
sensitive circuitry without diodes, varistors, etc., with the use of the
Faraday Cage principle which shunts high voltage, high current
discharge events (see page 331)
Hermetic- air leakage limited to 1 X 10-7 cm3 per second optional
Qualified Specifications - Stainless Steel qualified to BACC63DB
and BACC63DC specifications
MIL-Qualified to MIL-DTL-38999, Rev. K, the Amphenol®
CompositeTri-Start Connector offers a lightweight, corrosion
resistant connector with the same high performance features
as its metal counterpart. The Composite Tri-Start Connector
also includes the following features:
• Lightweight - 17% – 70% weight savings
(17–40% weight savings vs. Aluminum)
(60–70% weight savings vs. Stainless steel)
See Composite weight comparison chart on page 23.
Corrosion Resistance - available in standard
MIL-DTL-38999 olive drab cadmium (-65°C to 175°C)
and electroless nickel plating (-65°C to 200°C), both with-
standing 2000 hours of salt spray exposure. The base mate-
rial is able to withstand an indefinite exposure to salt spray.
Durability - 1500 couplings minimum (in reference to
connector couplings, not contacts)
Extended Life Contact - Mil-approved plating process
which provides 1500 couplings minimum
• Qualified to BACC63CT and BACC63CU specifications
The Tri-Start option CLUTCH-LOK offers all advantages
of stainless steel/Class K firewall for MIL-DTL-38999
Series III connectors, plus a unique clutch design that
actually tightens itself under vibration.
Features include:
• High degree of differential torque
• No settling back to the next ratchet tooth
• Completely intermateable with all existing
MIL-DTL-38999 Series III connectors
• Offers advantage in inaccessible, hard to reach
areas where mating torque is difficult to apply and
complete coupling is not verifiable by inspection
See page 32 for description,
25 – 27 for ordering.
CLUTCH-LOKTM MIL-DTL-38999 Series III
High Vibration Connector
* MIL-DTL-38999 Series III supersedes MIL-C-38999 Series III.
Applicable Patents:
Tri-StartTM Connector Patent 4,109,990.
Composite Connector Patents:
4,268,103; 4,648,670; 4,682,832; 4,703,987.
Clutch-Lok® Patent 6,152,753.
Optional Shell Geometries
Amphenol offers a number of different
shell configurations to fit your needs.
• Deep Reach Shells - For increased panel thickness
• Stand-off Flange Shells - For attachments to Printed
Circuit Boards.
• Connector with Integral Strain Reliefs
Series III


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com