Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL-DTL-38999 Datasheet(PDF) 15 Page - Amphenol Aerospace Operations

Part # MIL-DTL-38999
Description  MIL-DTL-38999, Series III, TV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

MIL-DTL-38999 Datasheet(HTML) 15 Page - Amphenol Aerospace Operations

Back Button MIL-DTL-38999 Datasheet HTML 11Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 12Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 13Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 14Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 15Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 16Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 17Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 18Page - Amphenol Aerospace Operations MIL-DTL-38999 Datasheet HTML 19Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
19
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HIGH
SPEED
PCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
FINISH DATA MIL-DTL-38999, Series I LJT, II JT
Aluminum Shell Components Non-Hermetic
Finish
Suffix
Indicated Finish
Standard for
JT Types Listed Below
Indicated Finish
Standard for
LJT Types Listed Below
Military
Commercial
Finish Plus
“SR” Suffix
Cadmium Plated Nickel Base
MS (A)
(SR)
JT/JTG/JTL/JTP
LJT/LJTP
Anodic Coating (Alumilite)
MS (C)
(005)
(300)
JTS/JTPS/JTLS
LJTPS/LJTS
Chromate Treated (Iridite 14-2)
(011)
(344)
JTN/JTPN/JTLN
LJTN/LJTPN
Olive Drab Cadmium Plate Nickel Base
MS (B)
(014)
(386)
Electroless Nickel
MS (F)
(023)
(424)
Nickel-PTFE Durmalon
(038)
Hermetic Connectors
Finish
Suffix
Indicated Finish
Standard for
JT Types Listed Below
Indicated Finish
Standard for
LJT Types Listed Below
Military
Commercial
Carbon Steel Shell
Tin Plated Shell and Contacts
JT( )H / JT( )Y
JTL( )H / JTL( )Y
LJT( )Y
LJT( )H
Carbon Steel Shell Tin Plated Shell and
Gold Plated Contacts
MS (D)
Stainless Steel Shell Gold Plated Contacts
MS (E)
(162)
JTS( )Y
JTLS( )Y
LJTS( )Y
MIL-DTL-38999, Series I LJT, II JT, III TV
Thermocouple Contacts/Sealing Plugs/Finishing Data
FINISH DATA MIL-DTL-38999, Tri-Start Series III TV
Aluminum Shell Components Non-Hermetic*
Finish
Service Class
Military
Commercial
Anodic Coating (Non-Conductive)
C*
RX**
Electroless Nickel
F (Metal)*
RF
M (Composite)
Olive Drab Cadmium Plate Nickel Base
W (Metal)*
RW
J (Composite)
Stainless Steel with Nickel Plate (non-firewall)
L
Stainless Steel with Nickel Plate (firewall)
S
RS
Stainless Steel
K
RK
Durmalon plated
T*
DT
Zinc-Nickel Plated
Z*
DZ
Hermetic Shell Components
Material/Finish
Service Class
Military
Commercial
Stainless Steel
Y
Y
Stainless Steel with Nickel Plate
N
YN
**Add Suffix (005) to part number.
SEALING PLUGS Series II JT/ I LJT
Contact Size Commercial No. Military No.
8 (Coax)
10-482099-8
MS27488-8
8 (Twinax)
T3-4008-59P
N/A
10 (Power)
10-576225
N/A
12
10-405996-122
MS27488-12-2
16
10-405996-162
MS27488-16-2
20
10-405996-202
MS27488-20-2
22
10-405996-222
MS27488-22-2
22M
10-405996-222
MS27488-22-2
22D
10-405996-222
MS27488-22-2
Contact Size
Material
JT/LJT Pins
JT Sockets
LJT Sockets
20
Chromel
10-407862-310
10-407863-310
10-407236-310
Alumel
10-407862-320
10-407863-320
10-407865-320
Iron
10-407862-335
10-407863-335
10-407865-335
Constantan
10-407862-342
10-407863-342
10-407865-342
THERMOCOUPLE CONTACTS Series II JT/ I LJT
Partial Listing. If you do not see the contact for your application, consult Amphenol Aerospace.
Contact
Size
Pins (II JT/I LJT)
Sockets (LJT)
Material
Spec Number Pyle Number Spec Number Pyle Number
22D
M39029/87-472
T3-4022-10P
M39029/88-484
T3-4122-10P
CHROMEL
22D
M39029/87-471
T3-4022-10R
M39029/88-483
T3-4122-10R
ALUMEL
20
M39029/87-476
T3-4020-10P
M39029/88-488
TS-4120-10P
CHROMEL
20
M39029/87-475
T3-4020-10R
M39029/88-487
T3-4120-10R
ALUMEL
16
M39029/87-480
T3-4016-10P
M39029/88-492
T3-4116-10P
CHROMEL
16
M39029/87-479
T3-4016-10R
M39029/88-491
T3-4116-10R
ALUMEL
THERMOCOUPLE CONTACTS PYLE VERSION Series II JT/ I LJT
Above part numbers include standard finish designation - gold plating over suitable underplate in
accordance with MIL-DTL-39029. For other finishes, consult Amphenol Aerospace. Note: 22M and
22D contacts are interchangeable. *For use with RG180B/U and RG195A/U cable. For other size
8 coax or optional sizes 12 and 18 coax contacts available for use in JT/LJT connectors, see
High Speed Contacts section of this catalog.**
For use with 17/M176-00002 cable.
Contact Size
Commercial No.
8 (Coax)
10-482099-8
8 (Twinax)
10-482099-8
10 (Power)
NA
12
10-405996-012 Yellow
16
10-405996-016 Blue
20
10-405996-020 Red
22
10-405996-022 Black
22M
10-405996-022 Black
22D
10-405996-022 Black
SEALING PLUGS SJT


Similar Part No. - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MIL-DTL-38999 GLENAIR-MIL-DTL-38999 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Amphenol Corporation
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
logo
SOURIAU-SUNBANK Connect...
MIL-DTL-38999 SOURIAU-MIL-DTL-38999 Datasheet
706Kb / 7P
   Robust Multiways Singlemode Connection
More results

Similar Description - MIL-DTL-38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com