Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9710 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDS-9710
Description  200 lpi Analog Output Small Optical Encoder Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9710 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-9710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Agilent HEDS-9710, HEDS-9711
200 lpi Analog Output
Small Optical Encoder Modules
Data Sheet
Description
The HEDS-9710/HEDS-9711 series
is a high performance, low cost,
optical incremental encoder mod-
ule. When operated in conjunction
with either a codewheel or
codestrip, this module detects ro-
tary or linear position. The encoder
module consists of a lensed LED
source and a detector IC enclosed
in a small C-shaped plastic package.
Due to a highly collimated light
source and a unique photodetector
array, the module is extremely tol-
erant to mounting misalignment.
The two-channel analog outputs and
5 V supply input are accessed
through four solder-plated leads
located on 2.54 mm (0.1 inch)
centers.
The standard HEDS-9710/HEDS-
9711 is designed for use with an
Features
• Small size
• Multiple mounting options
• 200 lpi resolution
• Linear and rotary options available
• Insensitive to radial and axial play
•15
°C to 45°C operating temperature
• Two-channel analog output
• Single 5 V supply
• Wave solderable
ESD WARNING: NORMAL PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE.
appropriate optical radius
codewheel, or linear codestrip.
Please contact the factory for
more information.
Applications
The HEDS-9710/HEDS-9711
provides sophisticated motion
detection at a low cost, making
closed-loop control very cost-
effective. Typical applications
include printers, plotters, copiers,
and office automation equipment.
Note: Agilent Technologies
encoders are not recommended
for use in safety critical
applications, eg., ABS braking
systems, power steering, life
support systems, and critical care
medical equipment. Please contact
sales representative if more
clarification is needed.
Theory of Operation
The HEDS-9710/HEDS-9711 is a
C-shaped emitter/detector mod-
ule. Coupled with a codewheel, it
translates rotary motion into a
two-channel analog output.
Coupled with a codestrip, it trans-
lates linear motion into analog
outputs.


Similar Part No. - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results

Similar Description - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9202 AVAGO-HEDS-9202 Datasheet
710Kb / 7P
   Two Channel Optical Incremental Encoder Modules 200 LPI Analog Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com