Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9710 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS-9710
Description  200 lpi Analog Output Small Optical Encoder Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9710 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS-9710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9710 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and
Recommended Mounting Tolerances.
These characteristics do not include codewheel/codestrip contributions.
Units
Radial
microns
± 130
Tangential
microns
± 130
Gap
microns
50 – 250
Temperature
°C
15 – 45
O.R.
mm
18 – Linear
CPR
count
900 – Linear
Codewheel Slot/Spoke
ratio
0.9 – 1.1
Min.
Max.
Ipp
µA10
73
Ioffset
µA–4
+4
State Width Error
e
°
–40
+40
Pulse Width Error
e
°
–40
+40
Recommended Codewheel and Codestrip Characteristics
Parameter
Symbol
Min.
Max.
Units
Notes
Window/Bar Ratio
Ww/Wb
0.9
1.1
Window Length (Rotary)
Lw
1.80
2.30
mm
(0.071)
(0.091)
(inch)
Absolute Maximum Codewheel
Rc
Rop + 3.40
mm
Includes eccen–
Radius (Rotary)
(Rop + 0.134)
(inch)
tricity errors
Center of Post to Inside
W1
1.04
mm
Edge of Window
(0.041)
(inch)
Center of Post to Outside
W2
0.76
mm
Edge of Window
(0.030)
(inch)
Center of Post to Inside Edge
L
3.60
mm
of Codestrip
(0.142)
(inch)


Similar Part No. - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results

Similar Description - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9202 AVAGO-HEDS-9202 Datasheet
710Kb / 7P
   Two Channel Optical Incremental Encoder Modules 200 LPI Analog Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com