Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-PCIE8SRS422485MOD Datasheet(PDF) 2 Page - Coolgear Inc.

Part # SG-PCIE8SRS422485MOD
Description  8 Port Serial RS232/422/485 PCIe Adapter Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

SG-PCIE8SRS422485MOD Datasheet(HTML) 2 Page - Coolgear Inc.

  SG-PCIE8SRS422485MOD Datasheet HTML 1Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 2Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 3Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 4Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
2/4
A4
21/10/2021
SG-PCIE8SRS422485MOD
1:2
mm
22.12
36.96
9.77
37.06
9.77
37.06
9.77
37.06
45.32
Port detailed
15.02
12.3
10.92
32.5


Similar Part No. - SG-PCIE8SRS422485MOD

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
SG-PCIE8SRS422485MODIS COOLGEAR-SG-PCIE8SRS422485MODIS Datasheet
298Kb / 4P
Basic Measurements Port detailed
7/16/2021
More results

Similar Description - SG-PCIE8SRS422485MOD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
8-port RS-422/485
logo
Advantech Co., Ltd.
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
logo
List of Unclassifed Man...
COM-1274 ETC2-COM-1274 Datasheet
369Kb / 3P
Serial ??8 asynchronous RS232/422/485 serial ports (software configurable)
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
SMX-200 VECOW-SMX-200 Datasheet
529Kb / 1P
Mini PCIe 4-port Isolated RS-232/422/485 Serial Card
logo
Moxa Inc.
5600-DTL MOXA-5600-DTL Datasheet
1Mb / 5P
8-port RS-232/422/485 serial device servers
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB2-4COMI-SI-TB COOLGEAR-USB2-4COMI-SI-TB Datasheet
130Kb / 3P
422-485 Serial TB Adapter Isolation
CG-232485CBO COOLGEAR-CG-232485CBO Datasheet
161Kb / 1P
2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com