Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-PCIE8SRS422485MOD Datasheet(PDF) 3 Page - Coolgear Inc.

Part # SG-PCIE8SRS422485MOD
Description  8 Port Serial RS232/422/485 PCIe Adapter Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

SG-PCIE8SRS422485MOD Datasheet(HTML) 3 Page - Coolgear Inc.

  SG-PCIE8SRS422485MOD Datasheet HTML 1Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 2Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 3Page - Coolgear Inc. SG-PCIE8SRS422485MOD Datasheet HTML 4Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
3/4
A4
21/10/2021
SG-PCIE8SRS422485MOD
1:2
mm
Terminators measurements
70.15
12.9
34
12.9
33.95
12.9
34
12.9
21.3
51.87
12.9
4.9
12.9
4.87
12.9
4.9
12.9
4.83
11.62
7.43
11.62
4.83
12.9
4.83
12.9
55.9


Similar Part No. - SG-PCIE8SRS422485MOD

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
SG-PCIE8SRS422485MODIS COOLGEAR-SG-PCIE8SRS422485MODIS Datasheet
298Kb / 4P
Basic Measurements Port detailed
7/16/2021
More results

Similar Description - SG-PCIE8SRS422485MOD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
8-port RS-422/485
logo
Advantech Co., Ltd.
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
logo
List of Unclassifed Man...
COM-1274 ETC2-COM-1274 Datasheet
369Kb / 3P
Serial ??8 asynchronous RS232/422/485 serial ports (software configurable)
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
SMX-200 VECOW-SMX-200 Datasheet
529Kb / 1P
Mini PCIe 4-port Isolated RS-232/422/485 Serial Card
logo
Moxa Inc.
5600-DTL MOXA-5600-DTL Datasheet
1Mb / 5P
8-port RS-232/422/485 serial device servers
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB2-4COMI-SI-TB COOLGEAR-USB2-4COMI-SI-TB Datasheet
130Kb / 3P
422-485 Serial TB Adapter Isolation
CG-232485CBO COOLGEAR-CG-232485CBO Datasheet
161Kb / 1P
2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com