Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A35T-1CPG236C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XC7A35T-1CPG236C
Description  Cmod A7 Reference Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XC7A35T-1CPG236C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XC7A35T-1CPG236C Datasheet HTML 2Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 3Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 4Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 5Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 6Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 7Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 8Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 9Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Cmod A7 Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 10 of 10
8
Pmod Connector
Pmod connecters are 2x6, right-angle, 100-mil spaced female connectors that mate with standard 2x6 pin headers.
Each 12-pin Pmod connector provides two 3.3V VCC signals (pins 6 and 12), two ground signals (pins 5 and 11), and
eight logic signals, as shown in Fig. 8.1. The VCC and Ground pins can deliver up to 1A of current, but care must be
taken not to exceed any of the power budgets of the onboard regulators of the external power supply (these are
described in the “Power Supplies” section).
Digilent produces a large collection of Pmod accessory boards that can attach to the Pmod expansion connectors
to add ready-made functions like A/Ds, D/As, motor drivers, sensors, and other functions. See
www.digilentinc.com for more information.
The Cmod A7 has one standard-type Pmod connector, and the FPGA pin connections for it are described in Table
8.1. Standard Pmod connectors are connected to the FPGA via 200-ohm series resistors. The series resistor prevent
short circuits that can occur if the user accidentally drives a signal that is supposed to be used as an input. The
downside to this added protection is that these resistors can limit the maximum switching speed of the data
signals.
Figure 8.1. Pmod diagram.
Pmod JA
Pmod Type
Standard
Pin 1
G17
Pin 2
G19
Pin 3
N18
Pin 4
L18
Pin 7
H17
Pin 8
H19
Pin 9
J19
Pin 10
K18
Table 8.1. Cmod A7 Pmod pinout.


Similar Part No. - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XC7445B FREESCALE-XC7445B Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com