Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A35T-1CPG236C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XC7A35T-1CPG236C
Description  Cmod A7 Reference Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XC7A35T-1CPG236C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XC7A35T-1CPG236C Datasheet HTML 1Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 2Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 3Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 4Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 5Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 6Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 7Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 8Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1300HenleyCourt
Pullman,WA99163
509.334.6306
www.digilentinc.com
Cmod A7 Reference Manual
Revised June 24, 2016
This manual applies to the Cmod A7 Rev. B
DOC#: 502-328
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 1 of 10
Overview
The Digilent Cmod A7 is a small, 48-pin DIP form factor board built around a Xilinx Artix-7 FPGA. The board also
includes a USB-JTAG programming circuit, USB-UART bridge, clock source, Pmod host connector, SRAM, Quad-SPI
Flash, and basic I/O devices. These components make it a formidable, albeit compact, platform for digital logic
circuits and MicroBlaze™ embedded soft-core processor designs alike. There are 44 Digital FPGA I/O signals and
two FPGA Analog inputs that are routed to 100-mil-spaced through-hole pins so that users can integrate
programmable logic design directly into a solderless breadboard circuit. At just 0.7” by 2.75”, it can also be loaded
in a standard socket and used in embedded systems.
The Cmod A7 can be purchased with either an Artix-15T or Artix-35T FPGA. These two Cmod A7 product variants
are referred to as the Cmod A7-15T and Cmod A7-35T, respectively. When Digilent documentation describes
functionality that is common to both of these variants, they are referred to collectively as the “Cmod A7”. When
describing something that is only common to a specific variant, the variant will be explicitly called out by its name.
The only difference between the Cmod A7-15T and Cmod A7-35T are the capabilities of the FPGA found on the
board. They compare as follows:
The Cmod A7.
System Features
o
512KB SRAM with an 8-bit bus and 8ns
access times
o
4MB Quad-SPI Flash
o
USB-JTAG Programming Circuitry
o
Powered from USB or external 3.3-5.5V
supply connected to DIP pins
System Connectivity
o
USB-UART bridge
Interaction and Sensory Devices
o
2 LEDs
o
1 RGB LED
o
2 Push Buttons
Expansion Connectors
o
48-pin DIP connector with 44 Digital I/O
and 2 Analog inputs (0-3.3V)
o
One Pmod connector with 8 Digital I/O


Similar Part No. - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XC7445B FREESCALE-XC7445B Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com