Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A35T-1CPG236C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XC7A35T-1CPG236C
Description  Cmod A7 Reference Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XC7A35T-1CPG236C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XC7A35T-1CPG236C Datasheet HTML 1Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 2Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 3Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 4Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 5Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 6Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 7Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 8Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cmod A7 Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 5 of 10
device, a bitstream file is transferred to the flash in a two-step process. First, the FPGA is programmed with a
circuit that can program flash devices, and then data is transferred to the flash device via the FPGA circuit (this
complexity is hidden from the user by the Xilinx tools). This is called indirect programming. After the flash device
has been programmed, it can automatically configure the FPGA at a subsequent power-on event. Programming
files stored in the flash device will remain until they are overwritten, regardless of power-cycle events.
Programming the flash can take as long as four to five minutes, which is mostly due to the lengthy erase process
inherent to the memory technology. Once written, however, FPGA configuration can be very fast—less than a
second. Bitstream compression, SPI bus width, and configuration rate are factors controlled by the Xilinx tools that
can affect configuration speed. The Cmod A7 supports x1, x2, and x4 bus widths and data rates of up to 50 MHz for
Quad-SPI programming.
Quad-SPI programming can be done using the hardware manager in Vivado.
3
SRAM
The Cmod A7 includes 512 KB of Static Random-Access Memory (SRAM). This memory has a standard, easy-to-use
parallel interface with 19 address signals, 8 bi-directional data signals, and 3 control signals. The part used is the
ISSI IS61WV5128BLL-10BLI. The interface is fully documented in ISSI's datasheet for the part.
The power supply used to power the SRAM provides 3.3V with greater than 5% accuracy. This allows the
IS61WV5128BLL-10BLI part to be written to and read from with 8 ns access times. This allows for a theoretical
maximum data bandwidth of 125,000,000 B/s.
The onboard SRAM is very useful for MicroBlaze designs that would like to provide the processor with additional
memory. To do this, the SRAM can be controlled with Xilinx External Memory Controller IP core. The Cmod A7 User
demo available on the Cmod A7 resource center demonstrates how to do this.
For pin-mappings between the FPGA and SRAM, please see the CmodA7 Master XDC available on the Cmod A7
Resource Center.
4
Quad-SPI Flash
FPGA configuration files can be written to the Quad-SPI Flash (Micron part number N25Q032A) and the FPGA will
automatically configure itself with it after power on (as described in section 2.2). An Artix-7 35T or 15T
configuration file requires 17,536,096 bits of memory, leaving about half of the flash device (just over 2MB)
available for user data. A common use for this extra memory is to store MicroBlaze programs too big to fit in the
on-chip Block memory (typically 128 KB for the 35T and 64KB for the 15T). These programs are then loaded and
executed using a smaller bootloader program that can fit in the block memory. It is possible to automatically
generate this bootloader, roll it into a single file (called an .mcs file) that also contains the bitstream and your
custom MicroBlaze application, and program this file into SPI Flash using Xilinx SDK and Vivado. Xilinx Answer
Record 63605 explains how to do this.
The contents of the memory can be manipulated by issuing certain commands on the SPI bus. The implementation
of this protocol is outside the scope of this document. All signals in the SPI bus are general-purpose user I/O pins
after FPGA configuration. On other boards, SCK is an exception because it remains a dedicated pin even after
configuration, however, on the Cmod A7 the SCK signal is routed to an additional general purpose pin that can be


Similar Part No. - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XC7445B FREESCALE-XC7445B Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com