Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A35T-1CPG236C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XC7A35T-1CPG236C
Description  Cmod A7 Reference Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XC7A35T-1CPG236C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XC7A35T-1CPG236C Datasheet HTML 1Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 2Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 3Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 4Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 5Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 6Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 7Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 8Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cmod A7 Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 4 of 10
2
FPGA Configuration
After power-on, the Artix-7 FPGA must be configured (or programmed) before it can perform any functions. Users
can configure the FPGA in one of two ways:
1.
A PC can use the Digilent USB-JTAG circuitry to program the FPGA any time the power is on.
2.
A file stored in the nonvolatile serial (Quad-SPI) flash device can be transferred to the FPGA using the SPI
port.
On power-up, the Cmod A7 is programmed by the Quad-SPI flash. If the FPGA does not find a valid configuration
file in the flash, then it will remain unconfigured until it is programmed over JTAG.
The FPGA configuration data is stored in files called bitstreams that have the .bit file extension. The Vivado
software from Xilinx can create bitstreams from VHDL or Verilog-based source files.
Bitstreams are stored in volatile memory cells within the FPGA. This data defines the FPGA’s logic functions and
circuit connections, and it remains valid until it is erased by removing board power, by pressing the reset button
attached to the PROG input, or by writing a new configuration file using the JTAG port.
Both the Artix-7 35T and 15T bitstreams are typically 17,536,096 bits. The time it takes to program the Cmod A7
can be decreased by compressing the bitstream before programming and then allowing the FPGA to decompress
the bitstream itself during configuration. Depending on design complexity, compression ratios of 10x can be
achieved. Bitstream compression can be enabled within the Vivado tools to occur during generation. For
instructions on how to do this, consult the Xilinx documentation for Vivado.
After being successfully programmed, the FPGA will cause the “DONE” LED to illuminate.
The following sections provide greater detail about programming the Cmod A7 using the different methods
available.
2.1
JTAG Configuration
The Xilinx tools typically communicate with FPGAs using the Test Access Port and Boundary-Scan Architecture,
commonly referred to as JTAG. During JTAG programming, a .bit file is transferred from the PC to the FPGA using
the onboard Digilent USB-JTAG circuitry (Micro-USB port). Users can perform JTAG programming any time after the
Cmod A7 has been powered on. If the FPGA is already configured, then the existing configuration is overwritten
with the bitstream being transmitted over JTAG.
Programming the Cmod A7 with an uncompressed bitstream using the on-board USB-JTAG circuitry usually takes
around 6 seconds. JTAG programming can be done using the hardware manager in Vivado.
Warning: When a USB host is attached to the Micro-USB connector, the VU pin on the DIP connector (pin 24) is
driven to the voltage being provided by the USB host (typically between 4.5V-5.5V). If you have a power source
attached to the VU pin, you must disconnect it before attaching a USB host, or risk damaging it. This can be
particularly dangerous if the power source is a battery.
2.2
Quad-SPI Configuration
Since the FPGA's memory on the Cmod A7 is volatile, it relies on the Quad-SPI flash memory to store the
configuration between power cycles. This configuration mode is referred to in Xilinx documentation as Master SPI.
The blank FPGA takes the role of master and reads the configuration file out of the flash device upon power-up. To
that effect, a configuration file needs to be downloaded first to the flash. When programming a nonvolatile flash


Similar Part No. - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XC7445B FREESCALE-XC7445B Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com