Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7A35T-1CPG236C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XC7A35T-1CPG236C
Description  Cmod A7 Reference Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XC7A35T-1CPG236C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XC7A35T-1CPG236C Datasheet HTML 1Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 2Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 3Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 4Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 5Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 6Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 7Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 8Page - List of Unclassifed Manufacturers XC7A35T-1CPG236C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cmod A7 Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 3 of 10
Net
name
Upstream
net name
Power IC
Type
Power
IC
Label
Min/Typ/Max
Voltage
Max.
Current
Major Devices
and Connectors
VCC1V0
VU
Switching
PS
IC10
0.95V/1.00V/1.05V
1.2A
FPGA Core and
Block RAM
VCC1V8
VU
Switching
PS
IC10
1.71V/1.80V/1.89V
0.6A
FPGA AUX
and ADC, USB
Core
VCC3V3
VU
Switching
PS
IC10
3.135V/3.30V/3.465V
0.6A
SRAM, USB
Controller,
PMOD, LEDS,
Buttons, FPGA
USER I/O
Table 1.1. Power Rail Characteristics.
1.1
Power Input Options
It is possible to power the Cmod A7 from either USB or from an external power supply attached to pins 24 and 25
of the DIP connector, labeled “VU” and “GND”, respectively. The required characteristics of a power source
attached to either of these two options is outlined in Table 1.1.1.
Connector Type
Connector Label
Schematic net name
Min/Rec/Max Voltage
USB
J3
USB5V0
4.5/5/5.5
DIP
J1 (Pin 24)
VU
3.32/5/5.5
Table 1.1.1. Power source options.
The minimum external voltage that can be applied to VU depends on the amount of current drawn from the
VCC3V3 rail via the Pmod header. With 0mA drawn from the Pmod header, the minimum external voltage is 3.32V.
With 100mA drawn from the Pmod header, the minimum external voltage is 3.38V. With 250mA drawn from the
Pmod header, the minimum external voltage is 3.48V.
When the Cmod A7 is being powered by the USB connector, the voltage from the USB device is driven onto the VU
pin. This allows users to power an external circuit from the USB host in addition to the Cmod A7. The VU pin is
driven via a schottky diode, so a small voltage drop will occur, but it should be assumed the voltage present on VU
will be close to 5V.
Warning: When a USB host is attached to the Micro-USB connector, the VU pin on the DIP connector (pin 24) is
driven to the voltage being provided by the USB host (typically between 4.5V-5.5V). If you have a power source
attached to the VU pin, you must disconnect it before attaching a USB host, or risk damaging it. This can be
particularly dangerous if the power source is a battery.


Similar Part No. - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XC7445B FREESCALE-XC7445B Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Torex Semiconductor
XC74UH TOREX-XC74UH Datasheet
63Kb / 1P
   XC74UH
XC74UH00AAM TOREX-XC74UH00AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH02AAM TOREX-XC74UH02AAM Datasheet
63Kb / 1P
   XC74UH
XC74UH04AAM TOREX-XC74UH04AAM Datasheet
63Kb / 1P
   XC74UH
More results

Similar Description - XC7A35T-1CPG236C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com