Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL05B104KONC Datasheet(PDF) 28 Page - Samsung semiconductor

Part # CL05B104KONC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL05B104KONC Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button CL05B104KONC Datasheet HTML 24Page - Samsung semiconductor CL05B104KONC Datasheet HTML 25Page - Samsung semiconductor CL05B104KONC Datasheet HTML 26Page - Samsung semiconductor CL05B104KONC Datasheet HTML 27Page - Samsung semiconductor CL05B104KONC Datasheet HTML 28Page - Samsung semiconductor CL05B104KONC Datasheet HTML 29Page - Samsung semiconductor CL05B104KONC Datasheet HTML 30Page - Samsung semiconductor CL05B104KONC Datasheet HTML 31Page - Samsung semiconductor CL05B104KONC Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Multilayer Ceramic Capacitor
- 27 -
■ APPLICATION MANUAL
● Storage Condition
▶ Storage Environment
The electrical characteristics of MLCCs were degraded by the environment of high temperature
or humidity. Therefore, the MLCCs shall be stored in the ambient temperature and the relative
humidity of less than 40℃ and 70%, respectively. Guaranteed storage period is within 6 months
from the outgoing date of delivery.
▶ Corrosive Gases
Since the solderability of the end termination in MLCC was degraded by a chemical atmosphere
such as chlorine, acid or sulfide gases, MLCCs must be avoid from these gases.
▶ Temperature Fluctuations
Since dew condensation may occur by the differences in temperature when the MLCCs are
taken out of storage, it is important to maintain the temperature-controlled environment.
● Design of Land Pattern
When designing printed circuit boards, the shape and size of the lands must allow for the
proper amount of solder on the capacitor. The amount of solder at the end terminations has a
direct effect on the crack. The crack in MLCC will be easily occurred by the tensile stress which
was due to too much amount of solder. In contrast, if too little solder is applied, the termination
strength will be insufficiently. Use the following illustrations
as guidelines for proper land design.
Recommendation of Land Shape and Size
W
b
a
Solder
Land
Solder Resist
2/3W < b < W
T
Solder Resist
2/3T < a < T
● Adhesives
When flow soldering the MLCCs, apply the adhesive in accordance with the following conditions.
▶ Requirements for Adhesives
They must have enough adhesion, so that, the chips will not fall off or move during the
handling of the circuit board.
They must maintain their adhesive strength when exposed to soldering temperature.
They should not spread or run when applied to the circuit board.
They should harden quickly.
They should not corrode the circuit board or chip material.


Similar Part No. - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05B104KO5NNN SAMSUNG-CL05B104KO5NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL05B104KO5NNNC SAMSUNG-CL05B104KO5NNNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
logo
Analog Devices
CL05B104KO5NNNC AD-CL05B104KO5NNNC Datasheet
366Kb / 5P
   Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results

Similar Description - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com