Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL05B104KONC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # CL05B104KONC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL05B104KONC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button CL05B104KONC Datasheet HTML 7Page - Samsung semiconductor CL05B104KONC Datasheet HTML 8Page - Samsung semiconductor CL05B104KONC Datasheet HTML 9Page - Samsung semiconductor CL05B104KONC Datasheet HTML 10Page - Samsung semiconductor CL05B104KONC Datasheet HTML 11Page - Samsung semiconductor CL05B104KONC Datasheet HTML 12Page - Samsung semiconductor CL05B104KONC Datasheet HTML 13Page - Samsung semiconductor CL05B104KONC Datasheet HTML 14Page - Samsung semiconductor CL05B104KONC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Multilayer Ceramic Capacitor
- 10 -
7 THICKNESS OPTION
Type
Symbol
Thickness(T)
Spec
0603
3
0.30
±0.03
1005
5
0.50
±0.05
1608
8
0.80
±0.10
2012
A
0.65
±0.10
C
0.85
F
1.25
±0.10
3216
C
0.85
±0.15
F
1.25
±0.15
H
1.6
±0.20
3225
F
1.25
±0.20
H
1.6
I
2.0
J
2.5
4532
F
1.25
±0.20
H
1.6
I
2.0
J
2.5
L
3.2
±0.30
5750
F
1.25
±0.20
H
1.6
I
2.0
J
2.5
L
3.2
±0.30


Similar Part No. - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05B104KO5NNN SAMSUNG-CL05B104KO5NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL05B104KO5NNNC SAMSUNG-CL05B104KO5NNNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
logo
Analog Devices
CL05B104KO5NNNC AD-CL05B104KO5NNNC Datasheet
366Kb / 5P
   Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results

Similar Description - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com