Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL05B104KONC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # CL05B104KONC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL05B104KONC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button CL05B104KONC Datasheet HTML 2Page - Samsung semiconductor CL05B104KONC Datasheet HTML 3Page - Samsung semiconductor CL05B104KONC Datasheet HTML 4Page - Samsung semiconductor CL05B104KONC Datasheet HTML 5Page - Samsung semiconductor CL05B104KONC Datasheet HTML 6Page - Samsung semiconductor CL05B104KONC Datasheet HTML 7Page - Samsung semiconductor CL05B104KONC Datasheet HTML 8Page - Samsung semiconductor CL05B104KONC Datasheet HTML 9Page - Samsung semiconductor CL05B104KONC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Multilayer Ceramic Capacitor
- 5 -
Temperature
Characteristics
Symbol
Tolerance
Applicable Capacitance & Range
C0G(NPO)
or
T.C Series
B
± 0.1pF
0.5 ~ 3pF
C
± 0.25pF
0.5 ~ 10pF
D
± 0.5pF
F
± 1pF
6 ~ 10pF
G
±
2%
E-24 Series for over 10pF
J
±
5%
K
± 10%
A(X5R)
B(X7R)
J
±
5%
E-12 Series
K
± 10%
M
± 20%
F(Y5V)
Z
-20% ~ +80%
E-6 Series
CAPACITANCE TOLERANCE
The nominal capacitance value is expressed in pico-Farad(pF) and identified by three-
digit number, first two digits represent significant figures and last digit specifies the
number of zeros to follow. For values below 1pF, the letter "R" is used as the decimal
point and the last digit becomes significant.
example)
100 : 10 × 10
o
=10pF
102 : 10 × 10
2
= 1000pF
020 :
2 × 10
o
=2pF
1R5 : 1.5pF
NOMINAL CAPACITANCE
5
4
※ Please consult us for special tolerances.
Symbol
Rated Voltage(Vdc)
Symbol
Rated Voltage(Vdc)
Q
6.3V
D
200V
P
10V
G
500V
O
16V
I
1000V
A
25V
J
2000V
B
50V
K
3000V
C
100V
RATED VOLTAGE
6


Similar Part No. - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05B104KO5NNN SAMSUNG-CL05B104KO5NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL05B104KO5NNNC SAMSUNG-CL05B104KO5NNNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
logo
Analog Devices
CL05B104KO5NNNC AD-CL05B104KO5NNNC Datasheet
366Kb / 5P
   Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results

Similar Description - CL05B104KONC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com