Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY274-280 Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TNY274-280
Description  Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY274-280 Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TNY274-280 Datasheet HTML 14Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 15Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 16Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 17Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 18Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 19Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 20Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 21Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Rev. N 12/21
18
TNY274-280
www.power.com
PI-4079-080905
0.1
µF
10 V
50 V
470
5 W
S2
470
NOTE: This test circuit is not applicable for current limit or output characteristic measurements.
S
D
EN/UV
S
S
BP/M
S
150 V
S1
2 M
PI-2364-012699
EN/UV
tP
tEN/UV
DCMAX
t
P =
1
f
OSC
VDRAIN
(internal signal)
Figure 16. General Test Circuit.
Figure 17. Duty Cycle Measurement.
Figure 18. Output Enable Timing.
0.8
Figure 19. Current Limit Envelope.


Similar Part No. - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com